| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 13950 Datasheet
# Example questions:
➢ What is the maximum power rating for devices that can be connected to the switched output?
➢ Within what temperature range will this sensor operate correctly?
➢ What is the specified input voltage for this pir sensor?
# AT4120/PIR Wall Mount PIR Sensor
## Ordering & Identification
· Order Code: 13950
· Item Code: AT4120/PIR/WHT
· Description: PIR sensor, 12m detection range, wall mount, IP65 rating, white finish
## Mechanical Specifications
· Installation Type: Wall Mount
· Body Material: Polycarbonate
· Fitting Colour: White
· IP Rating: IP65
· Adjustability: Adjustable
## Electrical Specifications
· Electrical Rating: Class II
· Input Frequency: 50 Hz
· Input Voltage: 230V~
· Working Temperature Range: -20 to 40 °C
## Sensor Performance
· Sensor Type: PIR
· Detection Range: 12 m
· Detection Angle: 180°
· Dusk Mode: Yes
· Lux Adjustment: Yes
· Lux Range: <3 to 2000 lx
· Time Delay: 10s to 15m
· Adjustable Hold Time: Yes
· Switched Output: Yes
· Switched Output Rating: 1200 W
## Compliance & Warranty
· Standards: AS/NZS 60669.1, AS/NZS 60669.2.1, EN/IEC 55015, IEC 61000.3, IEC 61000.4
· Domestic Use Warranty: 3 RTB (Total 3 Years)
## Dimensions
· Height: 51 mm
· Length: 117 mm
· Width: 80 mm
# AT4120/PIR Wall Mount PIR Sensor
## Ordering & Identification
· Order Code: 13950
· Item Code: AT4120/PIR/WHT
· Description: PIR sensor, 12m detection range, wall mount, IP65 rating, white finish
## Mechanical Specifications
· Installation Type: Wall Mount
· Body Material: Polycarbonate
· Fitting Colour: White
· IP Rating: IP65
· Adjustability: Adjustable
## Electrical Specifications
· Electrical Rating: Class II
· Input Frequency: 50 Hz
· Input Voltage: 230V~
· Working Temperature Range: -20 to 40 °C
## Sensor Performance
· Sensor Type: PIR
· Detection Range: 12 m
· Detection Angle: 180°
· Dusk Mode: Yes
· Lux Adjustment: Yes
· Lux Range: <3 to 2000 lx
· Time Delay: 10s to 15m
· Adjustable Hold Time: Yes
· Switched Output: Yes
· Switched Output Rating: 1200 W
## Compliance & Warranty
· Standards: AS/NZS 60669.1, AS/NZS 60669.2.1, EN/IEC 55015, IEC 61000.3, IEC 61000.4
· Domestic Use Warranty: 3 RTB (Total 3 Years)
## Dimensions
· Height: 51 mm
· Length: 117 mm
· Width: 80 mm
| Part No. | 13950 |
| Manufacturer | ATOM |
| Size | 151 Kbytes |
| Pages | 2 pages |
| Description | AT4120/PIR |