Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LIS202DL Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LIS202DL Datasheet

  • Example questions: 1. What is the supply voltage range for the LIS202DL MEMS motion sensor?
    2. What are the two dynamically selectable full-scale options for the LIS202DL accelerometer?
    3. What type of digital output interface does the LIS202DL accelerometer have?

  • Part No.LIS202DL
    ManufacturerSTMICROELECTRONICS
    Size332 Kbytes
    Pages36 pages
    DescriptionMEMS motion sensor 2-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
    Datasheet Summary with AI

    The LIS202DL is a MEMS motion sensor with a 2-axis smart digital output accelerometer.
    It has a supply voltage of 2.16V to 3.6V and is compatible with 1.8V IOs.
    The sensor has a power consumption of <1mW and dynamically selectable full scales of ±2g/±8g.
    It has an I2C/SPI digital output interface, programmable interrupt generator, click and double click recognition, embedded high pass filter, and self-test capability.
    The sensor is designed for motion activated functions, gaming and virtual reality input devices, and vibration monitoring and compensation.
    It is available in a plastic Thin Land Grid Array package and operates over a temperature range from -40°C to +85°C.
    The sensor also has high shock survivability and is RoHS and "Green" compliant.
    The device also includes block diagrams, pin descriptions, mechanical and electrical specifications, digital interfaces, register mapping, register description, typical performance characteristics, and package information.

    Datasheet Summary with AI

    The LIS202DL is a MEMS motion sensor with a 2-axis smart digital output accelerometer.
    It has a supply voltage of 2.16V to 3.6V and is compatible with 1.8V IOs.
    The sensor has a power consumption of <1mW and dynamically selectable full scales of ±2g/±8g.
    It has an I2C/SPI digital output interface, programmable interrupt generator, click and double click recognition, embedded high pass filter, and self-test capability.
    The sensor is designed for motion activated functions, gaming and virtual reality input devices, and vibration monitoring and compensation.
    It is available in a plastic Thin Land Grid Array package and operates over a temperature range from -40°C to +85°C.
    The sensor also has high shock survivability and is RoHS and "Green" compliant.
    The device also includes block diagrams, pin descriptions, mechanical and electrical specifications, digital interfaces, register mapping, register description, typical performance characteristics, and package information.

    Part No.LIS202DL
    ManufacturerSTMICROELECTRONICS
    Size332 Kbytes
    Pages36 pages
    DescriptionMEMS motion sensor 2-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer