![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about HA13173AH Datasheet
Example questions:
1. What are the different output voltages provided by the HA13173AH multiple voltage regulator for car audio system?
2. What is the standby current of the HA13173AH multiple voltage regulator?
3. What functions does the HA13173AH multiple voltage regulator have to prevent device destruction and thermal damage?
The HA13173AH is a multiple voltage regulator designed for car audio systems.
It has various output voltages for different components such as a microcontroller, digital signal processor, CD driver, audio control, and illuminations.
It also has features such as standby current of 100 µA max, low saturation output for audio, output current limit circuit, high surge input protector, and built-in thermal shutdown circuit.
The IC also has an adjustable output voltage and can control an external PNP transistor.
The package is PRSS0015DA-C (SP-15TGV).
The absolute maximum ratings, electrical characteristics, evaluation circuit, and package dimensions are also provided in the document.
Part No. | HA13173AH |
Manufacturer | RENESAS |
Size | 121 Kbytes |
Pages | 10 pages |
Description | Multiple Voltage Regulator for Car Audio |