Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA13173H Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about HA13173H Datasheet

  • Example questions: 1. What is the output voltage for the microcontroller in the car audio system?
    2. What is the standby current of the HA13173H multiple voltage regulator?
    3. What is the package type of the HA13173H IC?

  • Part No.HA13173H
    ManufacturerRENESAS
    Size218 Kbytes
    Pages24 pages
    DescriptionMultiple Voltage Regulator for Car Audio
    Datasheet Summary with AI

    The HA13173H is a multiple voltage regulator designed for car audio systems.
    It has various output voltages for different components of the audio system, such as a 5.0 V output for a microcontroller, 3.3 V output for a Digital Signal Processor, and 8.0 V output for a CD driver.
    The IC also has features such as standby current, low saturation output for audio, output current limit circuit, and built-in thermal shutdown circuit.
    The document also includes pin descriptions, equivalent circuit, timing chart, block diagram, external parts lineup, absolute maximum ratings, electrical characteristics, and evaluation circuit.
    It provides information on the recommended values for external parts and the main characteristics of the voltage regulator.

    Datasheet Summary with AI

    The HA13173H is a multiple voltage regulator designed for car audio systems.
    It has various output voltages for different components of the audio system, such as a 5.0 V output for a microcontroller, 3.3 V output for a Digital Signal Processor, and 8.0 V output for a CD driver.
    The IC also has features such as standby current, low saturation output for audio, output current limit circuit, and built-in thermal shutdown circuit.
    The document also includes pin descriptions, equivalent circuit, timing chart, block diagram, external parts lineup, absolute maximum ratings, electrical characteristics, and evaluation circuit.
    It provides information on the recommended values for external parts and the main characteristics of the voltage regulator.

    Part No.HA13173H
    ManufacturerRENESAS
    Size218 Kbytes
    Pages24 pages
    DescriptionMultiple Voltage Regulator for Car Audio