![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MC10195_02 Datasheet
Example questions:
1. What is the primary function of the MC10195 component?
2. How many EXCLUSIVE NOR gates are used in the MC10195?
3. What is the typical power dissipation (PD) of the MC10195 when there is no load?
The MC10195 is a Hex Buffer Inverter built using six EXCLUSIVE NOR gates.
It can act as inverters when the common input is low or left open, and as a hex buffer when the common input is connected to a high logic level.
It is useful for high fanout clock driving and reducing stub lengths on long bus lines.
The device has a power supply drain current of 200 mW typ/pkg (No Load), a propagation delay of 2.8 ns typ (B–Q), and a rise time and fall time of 2.5 ns typ (20%–80%).
The device is available in CDIP–16, PDIP–16, and PLCC–20 packages.
The electrical characteristics and package dimensions are also provided in the document.
Part No. | MC10195_02 |
Manufacturer | ONSEMI |
Size | 87 Kbytes |
Pages | 4 pages |
Description | Hex Inverter/Buffer |