Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM324_06 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LM324_06 Datasheet

  • Example questions:
    1. What is the common mode input range for the LM324 series operational amplifiers?
    2. How many amplifiers are included in a single LM324 package?
    3. What is the minimum and maximum supply voltage range for the LM324 series operational amplifiers?

  • Part No.LM324_06
    ManufacturerONSEMI
    Size204 Kbytes
    Pages16 pages
    DescriptionSingle Supply Quad Operational Amplifiers
    Datasheet Summary with AI

    The LM324 series are low-cost, quad operational amplifiers with true differential inputs.
    They can operate at supply voltages as low as 3.0 V or as high as 32 V with quiescent currents about one-fifth of those associated with the MC1741.
    The common mode input range includes the negative supply, eliminating the need for external biasing components in many applications.
    The output voltage range also includes the negative power supply voltage.
    The amplifiers are internally compensated and have industry standard pinouts.
    They are available in Pb-Free packages and are qualified for automotive use.
    The circuit consists of four internally compensated, two-stage operational amplifiers with a first stage that performs the first stage gain function, level shifting, and transconductance reduction functions.
    The second stage consists of a standard current source load amplifier stage.
    The amplifiers are biased from an internal voltage regulator with low temperature coefficient, giving them good temperature characteristics and excellent power supply rejection.

    Datasheet Summary with AI

    The LM324 series are low-cost, quad operational amplifiers with true differential inputs.
    They can operate at supply voltages as low as 3.0 V or as high as 32 V with quiescent currents about one-fifth of those associated with the MC1741.
    The common mode input range includes the negative supply, eliminating the need for external biasing components in many applications.
    The output voltage range also includes the negative power supply voltage.
    The amplifiers are internally compensated and have industry standard pinouts.
    They are available in Pb-Free packages and are qualified for automotive use.
    The circuit consists of four internally compensated, two-stage operational amplifiers with a first stage that performs the first stage gain function, level shifting, and transconductance reduction functions.
    The second stage consists of a standard current source load amplifier stage.
    The amplifiers are biased from an internal voltage regulator with low temperature coefficient, giving them good temperature characteristics and excellent power supply rejection.

    Part No.LM324_06
    ManufacturerONSEMI
    Size204 Kbytes
    Pages16 pages
    DescriptionSingle Supply Quad Operational Amplifiers
    Privacy Policy
    ALLDATASHEET.COM
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Datasheet Upload   |  Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com