![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about REF193GSZ Datasheet
Example questions:
1. What is the maximum initial accuracy of the REF19x series precision band gap voltage references?
2. What is the maximum supply current consumption in sleep mode for the REF19x series voltage references?
3. What is the purpose of Test Pin 1 and Test Pin 5 in the REF19x series voltage references?
# REF19x Series: Precision Micropower Voltage References
## Features
* **Initial Accuracy:** ±2 mV maximum
* **Temperature Coefficient:** 5 ppm/°C maximum
* **Low Supply Current:** 45 μA maximum (Sleep mode: 15 μA)
* **Low Dropout Voltage:** Supplies as low as 100 mV above the output voltage
* **Load Regulation:** 4 ppm/mA
* **Line Regulation:** 4 ppm/V
* **High Output Current:** 30 mA
* **Short-circuit Protection**
* **Extended Industrial Temperature Range:** -40°C to +85°C (typical performance to +125°C)
## General Description
* Uses patented temperature drift curvature correction and laser trimming for accuracy.
* Micropower, low dropout voltage devices.
* Sleep mode reduces supply current when enabled.
* Available in 8-lead SOIC_N, PDIP, and TSSOP packages (electrical grade limitations for PDIP & TSSOP).
* Also available in die form.
## Pin Configuration
* **Test Pins (TP1 & TP5):** Reserved for in-package Zener zap; leave unconnected.
Resistance varies widely.
* **NC:** No Connect
* **OUTPUT:** Output Voltage pin
* **SLEEP:** Enables low-power sleep mode (TTL/CMOS level)
* **GND:** Ground
## Part Numbers & Nominal Output Voltage
* REF191: 2.048 V
* REF192: 2.50 V
* REF193: 3.0 V (not explicitly listed but implied as standard)
* REF194: 3.3 V (not explicitly listed but implied as standard)
* REF195: 5.0 V (not explicitly listed but implied as standard)
## Electrical Characteristics (REF191 Example)
* **Initial Accuracy:** 2.046-2.050 V (E Grade), varying slightly for other grades.
* **Line Regulation:** 2-4 ppm/V (E Grade), higher for other grades
* **Load Regulation:** 4-10 ppm/mA (E Grade), higher for other grades
* **Dropout Voltage:** Varies based on VS and ILOAD (example: 0.95V at VS=3.15V, ILOAD=2mA)
* **Sleep Pin Logic:** Specific input voltage and current levels defined for enabling sleep mode.
* **Supply Current:** 45 μA (no load), 15 μA (sleep mode)
## Applications
* Voltage Reference Connections
* Current-Boosted References
* Negative Precision Reference
* Stacking Reference ICs
* Precision Current Source
* Membrane Switch-Controlled Power Supply
* Low Power Strain Gauge Circuit
Part No. | REF193GSZ |
Manufacturer | AD |
Size | 649 Kbytes |
Pages | 28 pages |
Description | Precision Micropower, Low Dropout Voltage References |