Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

571-0112-100 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 571-0112-100 Datasheet

  • # Example questions: ➢ What is the typical forward voltage for the green led (571-01xx) when a forward current of 20ma is applied?
    ➢ What is the recommended pcb hole pattern for mounting the cbi with pins?
    ➢ What is the difference between a part number with and without the '-100' suffix?

  • Part No.571-0112-100
    ManufacturerDIALIGHT
    Size32 Kbytes
    Pages2 pages
    Description2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
    Datasheet Summary with AI

    # 2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible)

    ## Features

    · Accommodates DIN 41494
    · Forms horizontal LED arrays on 2.54mm (0.100”) center-lines
    · High Contrast, UL 94 V-0 rated, black housing
    · Oxygen index: 32%
    · Polymer content: PBT, 0.290 g
    · Housing stand-offs facilitate PCB cleaning
    · Solderability per MIL-STD-202F, method 208F
    · Safe for direct viewing per IEC 825-1, EN-60825-1

    ## Part Numbers

    ### Without Pins
    Part Number Color
    571-0111 Red-Red
    571-0112 Red-Green
    571-0122 Green-Green
    571-0132 Yellow-Green
    571-0133 Yellow-Yellow

    ### With Pins
    Part Number Color
    571-0111-100 Red-Red
    571-0112-100 Red-Green
    571-0122-100 Green-Green
    571-0132-100 Yellow-Green
    571-0133-100 Yellow-Yellow


    ## Tolerance & Dimensions
    · LED Protrusion: ±0.04 mm [±0.016]
    · CBI Housing: ±0.02mm[±0.008]


    ## Electrical Characteristics (Typical Values)

    Parameter Value (-9630 - Red) Value (-9631 - Yellow) Value (-9632 - Green)
    Luminous Intensity (mcd) 12.6 12.6 8.7
    Peak Wavelength (nm) 635 585 565
    Viewing Angle (2Θ1/2) 38° 38° 38°
    Forward Voltage (V) (IF=20mA) 2 2.1 2.1
    Reverse Voltage (V) (IR =100µA) 5 5 5

    ## Absolute Maximum Ratings

    · Power Dissipation (mW): 100 (Red & Yellow) / 60 (Green)
    · Forward Current (mA): 30
    · Peak Current (mA): 120 (Red & Yellow) / 80 (Green) (Pulse width = 10µs)
    · Operating Temperature (°C): -55 to +100
    · Storage Temperature (°C): -55 to +100
    · Soldering Temperature: 260°C, 5 seconds, 1.6 mm from case

    # 2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible)

    ## Features

    · Accommodates DIN 41494
    · Forms horizontal LED arrays on 2.54mm (0.100”) center-lines
    · High Contrast, UL 94 V-0 rated, black housing
    · Oxygen index: 32%
    · Polymer content: PBT, 0.290 g
    · Housing stand-offs facilitate PCB cleaning
    · Solderability per MIL-STD-202F, method 208F
    · Safe for direct viewing per IEC 825-1, EN-60825-1

    ## Part Numbers

    ### Without Pins
    Part Number Color
    571-0111 Red-Red
    571-0112 Red-Green
    571-0122 Green-Green
    571-0132 Yellow-Green
    571-0133 Yellow-Yellow

    ### With Pins
    Part Number Color
    571-0111-100 Red-Red
    571-0112-100 Red-Green
    571-0122-100 Green-Green
    571-0132-100 Yellow-Green
    571-0133-100 Yellow-Yellow


    ## Tolerance & Dimensions
    · LED Protrusion: ±0.04 mm [±0.016]
    · CBI Housing: ±0.02mm[±0.008]


    ## Electrical Characteristics (Typical Values)

    Parameter Value (-9630 - Red) Value (-9631 - Yellow) Value (-9632 - Green)
    Luminous Intensity (mcd) 12.6 12.6 8.7
    Peak Wavelength (nm) 635 585 565
    Viewing Angle (2Θ1/2) 38° 38° 38°
    Forward Voltage (V) (IF=20mA) 2 2.1 2.1
    Reverse Voltage (V) (IR =100µA) 5 5 5

    ## Absolute Maximum Ratings

    · Power Dissipation (mW): 100 (Red & Yellow) / 60 (Green)
    · Forward Current (mA): 30
    · Peak Current (mA): 120 (Red & Yellow) / 80 (Green) (Pulse width = 10µs)
    · Operating Temperature (°C): -55 to +100
    · Storage Temperature (°C): -55 to +100
    · Soldering Temperature: 260°C, 5 seconds, 1.6 mm from case

    Part No.571-0112-100
    ManufacturerDIALIGHT
    Size32 Kbytes
    Pages2 pages
    Description2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible), Bi-Level