Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FC101 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about FC101 Datasheet

  • Example questions: 1. What is the minimum torque required to twist a fuse in a single clip according to the specifications provided in the document?
    2. What is the marking that is die stamped on one side of the fuse clips?
    3. What is the purpose of the tabs on the legs of the Type FC-211 Locking Clip mentioned in the document?

  • Part No.FC101
    ManufacturerBEL
    Size47 Kbytes
    Pages1 page
    DescriptionFuse Clips
    Datasheet Summary with AI

    # Fuse Clips - Bel Fuse Inc.

    ## Materials and Plating

    * **Material:** Brass (65Cu/35Zn), 0.020 inch thick, full hard temper.
    * **Plating:** Bright tin (150 microinch minimum) over a nickel barrier plate.
    * **Solderability:** Meets Mil-Std-202F, Method 208.

    ## Performance Characteristics

    * **Torque:** Minimum 1.0 in.-oz.
    required to twist a fuse into a single clip.
    * **Extraction Force:** Minimum 2 lbs.
    required to extract a fuse from a single clip.
    * **Marking:** “bel” die stamped on one side.

    ## Product Types & Specifications

    ### FC-101 & FC-102 (for 1/4 inch Fuses)
    * **FC-101:** PC Board Mount with Ear Stops.
    Ampere Rating: up to 15A.
    * **FC-102:** PC Board Mount, Earless.
    Ampere Rating: up to 15A.

    ### FC-201 & FC211 (for 5mm Fuses)
    * **FC-201:** 5mm Clip, PC Board Mount, with Ear Stops.
    Ampere Rating: up to 10A.
    * **FC211:** Locking Type, PC Board Mount, with Ear Stops.
    Designed for 5mm diameter fuses on 0.062 inch thick PC boards.
    Legs have tabs to lock into the board and prevent floating during wave solder, eliminating the need for clinching.

    ## Important Notes

    * Suitability at higher currents depends on fuse type, circuit conditions, and PC board design (track width/thickness, solder leg attachment, etc.).
    * Each combination of clip, fuse, PC board, and operating condition must be evaluated.

    Datasheet Summary with AI

    # Fuse Clips - Bel Fuse Inc.

    ## Materials and Plating

    * **Material:** Brass (65Cu/35Zn), 0.020 inch thick, full hard temper.
    * **Plating:** Bright tin (150 microinch minimum) over a nickel barrier plate.
    * **Solderability:** Meets Mil-Std-202F, Method 208.

    ## Performance Characteristics

    * **Torque:** Minimum 1.0 in.-oz.
    required to twist a fuse into a single clip.
    * **Extraction Force:** Minimum 2 lbs.
    required to extract a fuse from a single clip.
    * **Marking:** “bel” die stamped on one side.

    ## Product Types & Specifications

    ### FC-101 & FC-102 (for 1/4 inch Fuses)
    * **FC-101:** PC Board Mount with Ear Stops.
    Ampere Rating: up to 15A.
    * **FC-102:** PC Board Mount, Earless.
    Ampere Rating: up to 15A.

    ### FC-201 & FC211 (for 5mm Fuses)
    * **FC-201:** 5mm Clip, PC Board Mount, with Ear Stops.
    Ampere Rating: up to 10A.
    * **FC211:** Locking Type, PC Board Mount, with Ear Stops.
    Designed for 5mm diameter fuses on 0.062 inch thick PC boards.
    Legs have tabs to lock into the board and prevent floating during wave solder, eliminating the need for clinching.

    ## Important Notes

    * Suitability at higher currents depends on fuse type, circuit conditions, and PC board design (track width/thickness, solder leg attachment, etc.).
    * Each combination of clip, fuse, PC board, and operating condition must be evaluated.

    Part No.FC101
    ManufacturerBEL
    Size47 Kbytes
    Pages1 page
    DescriptionFuse Clips