Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-B2133 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BL-B2133 Datasheet

  • # Example questions: ➢ What is the result of the 'operation life' test, and what does '0/32' signify?
    ➢ What are the recommended conditions for dip soldering the bl-b2133 led, specifically regarding temperature and duration?
    ➢ What is the peak forward current (ifp) specified for the bl-b2133 led, and under what conditions is this current applied?

  • Part No.BL-B2133
    ManufacturerAMERICANBRIGHT
    Size373 Kbytes
    Pages4 pages
    DescriptionLED Components
    Datasheet Summary with AI

    Bright LED Electronics Corp. – BL-B2133 LED Specification

    1. General Features:

    · Chip Material: GaP/GaP
    · Emitted Color: Green
    · Lens Appearance: Green Diffused
    · RoHS Compliant: Yes (contains no restricted substances)
    · Applications: TV sets, Monitors, Telephones, Computers, Circuit Boards

    2. Absolute Maximum Ratings:

    Parameter Symbol Rating Unit
    Power Dissipation Pd 80 mW
    Forward Current IF 30 mA
    Peak Forward Current IFP 150 mA
    Reverse Voltage VR 5 V
    Operating Temperature Topr -40 to +85 °C
    Storage Temperature Tstg -40 to +85 °C

    *Note: For IFP, a pulse duty cycle of 1/10 and a pulse width of 0.1 ms.*

    3. Electrical and Optical Characteristics (Ta = 25°C):

    Parameter Symbol Condition Min. Typ. Max. Unit
    Forward Voltage VF IF=20mA - 2.2 2.6 V
    Luminous Intensity Iv IF=20mA - 45 - mcd
    Reverse Current IR VR=5V - - 100 µA
    Peak Wavelength λp IF=20mA - 568 - nm
    Dominant Wavelength λd IF=20mA 560 - 574 nm
    Spectral Line Width ∆λ IF=20mA - 30 - nm
    Viewing Angle 2θ1/2 IF=20mA - 40 - °

    4. Reliability Testing:

    Test Standard/Condition Result
    Operation Life MIL-STD-750:1026, MIL-STD-883:1005, JIS-C-7021 :B-1 (IF=20mA, Ta=25°C±5°C, 1000hrs) 0/32
    High Temp/Humidity MIL-STD-202:103B, JIS-C-7021 :B-11 (Ta=85°C±5°C, RH=90%-95%, 240hrs) 0/32
    High Temp Storage MIL-STD-883:1008, JIS-C-7021 :B-10 (Ta=85°C±5°C, 1000hrs) 0/32
    Low Temp Storage JIS-C-7021 :B-12 (Ta=-45°C±5°C, 1000hrs) 0/32
    Temperature Cycling MIL-STD-202:107D, MIL-STD-750:1051, MIL-STD-883:1010, JIS-C-7021 :A-4 0/32
    Thermal Shock MIL-STD-202:107D, MIL-STD-750:1051, MIL-STD-883:1011 0/32
    Solder Resistance MIL-STD-202:201A, MIL-STD-750:2031, JIS-C-7021 :A-1 0/32
    Solderability MIL-STD-202F:208D, MIL-STD-750D:2026, MIL-STD-883D:2003, JIS C 7021:A-2 0/32

    5. Soldering Recommendations:

    · Dip Soldering: Max. 260°C for 5 seconds, suggested: 2-3 seconds.
    · Iron Soldering: 300°C for a maximum of 3 seconds, one time only.

    Notes:

    · "U" refers to the upper limit of specified characteristics.
    · "S" refers to the initial value.
    · Measurements should be taken 2 hours after testing to ensure stability.

    Bright LED Electronics Corp. – BL-B2133 LED Specification

    1. General Features:

    · Chip Material: GaP/GaP
    · Emitted Color: Green
    · Lens Appearance: Green Diffused
    · RoHS Compliant: Yes (contains no restricted substances)
    · Applications: TV sets, Monitors, Telephones, Computers, Circuit Boards

    2. Absolute Maximum Ratings:

    Parameter Symbol Rating Unit
    Power Dissipation Pd 80 mW
    Forward Current IF 30 mA
    Peak Forward Current IFP 150 mA
    Reverse Voltage VR 5 V
    Operating Temperature Topr -40 to +85 °C
    Storage Temperature Tstg -40 to +85 °C

    *Note: For IFP, a pulse duty cycle of 1/10 and a pulse width of 0.1 ms.*

    3. Electrical and Optical Characteristics (Ta = 25°C):

    Parameter Symbol Condition Min. Typ. Max. Unit
    Forward Voltage VF IF=20mA - 2.2 2.6 V
    Luminous Intensity Iv IF=20mA - 45 - mcd
    Reverse Current IR VR=5V - - 100 µA
    Peak Wavelength λp IF=20mA - 568 - nm
    Dominant Wavelength λd IF=20mA 560 - 574 nm
    Spectral Line Width ∆λ IF=20mA - 30 - nm
    Viewing Angle 2θ1/2 IF=20mA - 40 - °

    4. Reliability Testing:

    Test Standard/Condition Result
    Operation Life MIL-STD-750:1026, MIL-STD-883:1005, JIS-C-7021 :B-1 (IF=20mA, Ta=25°C±5°C, 1000hrs) 0/32
    High Temp/Humidity MIL-STD-202:103B, JIS-C-7021 :B-11 (Ta=85°C±5°C, RH=90%-95%, 240hrs) 0/32
    High Temp Storage MIL-STD-883:1008, JIS-C-7021 :B-10 (Ta=85°C±5°C, 1000hrs) 0/32
    Low Temp Storage JIS-C-7021 :B-12 (Ta=-45°C±5°C, 1000hrs) 0/32
    Temperature Cycling MIL-STD-202:107D, MIL-STD-750:1051, MIL-STD-883:1010, JIS-C-7021 :A-4 0/32
    Thermal Shock MIL-STD-202:107D, MIL-STD-750:1051, MIL-STD-883:1011 0/32
    Solder Resistance MIL-STD-202:201A, MIL-STD-750:2031, JIS-C-7021 :A-1 0/32
    Solderability MIL-STD-202F:208D, MIL-STD-750D:2026, MIL-STD-883D:2003, JIS C 7021:A-2 0/32

    5. Soldering Recommendations:

    · Dip Soldering: Max. 260°C for 5 seconds, suggested: 2-3 seconds.
    · Iron Soldering: 300°C for a maximum of 3 seconds, one time only.

    Notes:

    · "U" refers to the upper limit of specified characteristics.
    · "S" refers to the initial value.
    · Measurements should be taken 2 hours after testing to ensure stability.

    Part No.BL-B2133
    ManufacturerAMERICANBRIGHT
    Size373 Kbytes
    Pages4 pages
    DescriptionLED Components