Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEE01AA24 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AEE01AA24 Datasheet

  • # Example questions: ➢ What is the operating base temperature range for this power module?
    ➢ What input voltage range is required for the aee01aa24 model?
    ➢ What is the typical efficiency of the aee01aa24 model when operating at nominal line and full load?

  • Part No.AEE01AA24
    ManufacturerASTEC
    Size141 Kbytes
    Pages2 pages
    Description10 Watts
    Datasheet Summary with AI

    # AEE01-Dual Power Supply

    ## General Specifications
    · 10 Watts, Dual output
    · 2:1 Input range
    · Dimensions: 1.0" x 2.0" x 0.33"
    · Industry standard package
    · Low Profile
    · Low Cost
    · Operating base temperature range: -25°C to +95°C
    · Storage temperature: -40°C to +105°C
    · MTBF: 2.7 Million Hours (Belcore TR332)

    ## Input
    · Input range: 18 to 36 VDC or 36 to 72 VDC
    · Efficiency: 79% typical (±5V)

    ## Output
    · Voltage Tolerance: ±1.0%
    · Overall Regulation: ±1% max
    · Noise/Ripple: 1% (mV P-P)
    · Transient Response: 200 usec typical (50% step load change to within 5%Vo)
    · Temperature Regulation: ±0.02 %Vo/°C
    · Switching Frequency: 330kHz

    ## Isolation
    · I/O Isolation: 500 VDC
    · Isolation Resistance: 300 Mohms

    ## Certifications
    · UL UL1950 Recognition
    · CSA CSA22.2-950 Recognition
    · TUV EN60950 Recognition

    ## Ordering Information (Examples)
    · AEE01AA24: 18-36V Input, ±5V @ ±1.0 A Output, 79% Efficiency
    · AEE00BB24: 18-36V Input, ±12V @ ±0.42 A Output, 83% Efficiency
    · AEE00CC24: 18-36V Input, ±15V @ ±0.33 A Output, 83% Efficiency
    · AEE01AA48: 36-72V Input, ±5V @ ±1.0 A Output, 79% Efficiency
    · AEE00BB48: 36-72V Input, ±12V @ ±0.42 A Output, 83% Efficiency
    · AEE00CC48: 36-72V Input, ±15V @ ±0.33 A Output, 83% Efficiency

    ## Contact Information
    · North America: 1-888-41-ASTEC
    · Europe (UK): 44 (1384) 842-211
    · Asia (HK): 852-2437-9662
    · Website: www.astecpower.com

    # AEE01-Dual Power Supply

    ## General Specifications
    · 10 Watts, Dual output
    · 2:1 Input range
    · Dimensions: 1.0" x 2.0" x 0.33"
    · Industry standard package
    · Low Profile
    · Low Cost
    · Operating base temperature range: -25°C to +95°C
    · Storage temperature: -40°C to +105°C
    · MTBF: 2.7 Million Hours (Belcore TR332)

    ## Input
    · Input range: 18 to 36 VDC or 36 to 72 VDC
    · Efficiency: 79% typical (±5V)

    ## Output
    · Voltage Tolerance: ±1.0%
    · Overall Regulation: ±1% max
    · Noise/Ripple: 1% (mV P-P)
    · Transient Response: 200 usec typical (50% step load change to within 5%Vo)
    · Temperature Regulation: ±0.02 %Vo/°C
    · Switching Frequency: 330kHz

    ## Isolation
    · I/O Isolation: 500 VDC
    · Isolation Resistance: 300 Mohms

    ## Certifications
    · UL UL1950 Recognition
    · CSA CSA22.2-950 Recognition
    · TUV EN60950 Recognition

    ## Ordering Information (Examples)
    · AEE01AA24: 18-36V Input, ±5V @ ±1.0 A Output, 79% Efficiency
    · AEE00BB24: 18-36V Input, ±12V @ ±0.42 A Output, 83% Efficiency
    · AEE00CC24: 18-36V Input, ±15V @ ±0.33 A Output, 83% Efficiency
    · AEE01AA48: 36-72V Input, ±5V @ ±1.0 A Output, 79% Efficiency
    · AEE00BB48: 36-72V Input, ±12V @ ±0.42 A Output, 83% Efficiency
    · AEE00CC48: 36-72V Input, ±15V @ ±0.33 A Output, 83% Efficiency

    ## Contact Information
    · North America: 1-888-41-ASTEC
    · Europe (UK): 44 (1384) 842-211
    · Asia (HK): 852-2437-9662
    · Website: www.astecpower.com

    Part No.AEE01AA24
    ManufacturerASTEC
    Size141 Kbytes
    Pages2 pages
    Description10 Watts