| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 250731_V01 Datasheet
# Example questions:
➢ What is the maximum allowable concentration of lead in the cable (expressed as a percentage by weight)?
➢ What is the maximum operating temperature for the cable described in the documentation?
➢ What ul and csa standards does this cable meet, and what voltage/temperature ratings are associated with those standards?
1. Product Identification:
· Alpha Wire Part Number: 25073/1
· Product Type: Cable (specifically, a multi-conductor cable)
· Description: XTRAGUARD 2 RU AWM cable
2. Construction Details (Based on the table):
· Conductors: 3 (details about gauge not specified but implicitly multi-conductor)
· Insulation: Polyurethane (PU) - Indicated by "XTRAGUARD"
· Shielding: Not explicitly stated, but likely present given the "XTRAGUARD" designation.
· Outer Jacket: Polyurethane (PU)
· Ripcord: 810 Denier Nylon at one end
· Print: Includes Alpha Wire part number, AWG specifications, voltage ratings, RoHS compliance, and factory code.
3. Regulatory Compliance:
· RoHS 2 & RoHS 3: Compliant. No exemptions required.
· California Proposition 65: Exempt from labeling based on the Consent Judgement.
· EU Low Voltage Directive 2014/35/EU: Compliant.
· China RoHS: Compliant (SJ/T 11364-2014 and GB/T 26572-2011)
4. Specifications & Ratings:
· UL:
* AWM Style 1569: 105°C / 300 VRMS
* AWM Style 20668: 90°C / 300 VRMS (VW-1 Flame Rating, FT1)
· CSA International: C(RU) AWM I/II A/B - 90°C / 300 VRMS (FT1)
· Electrical Properties (Engineering Purposes):
* Voltage Rating: 300 VRMS
* Capacitance: 32 pF/ft
* Inductance: 0.17 μH/ft
* Conductor DCR: 4.4 Ω/1000ft
· Physical Properties:
* Temperature Range: -30°C to 90°C
* Bend Radius: 10X Cable Diameter
* Sunlight Resistance: Yes
* Pull Tension: 61 Lbs (maximum)
5. Key Highlights:
· XTRAGUARD: Suggests enhanced durability, flexibility, and possibly resistance to abrasion and chemicals, typical of polyurethane-based cables.
· Dual Ratings: The presence of both AWM 1569 (105°C) and AWM 20668 (90°C) indicates that the cable can operate at different temperature limits depending on the application and specific UL requirements.
· RoHS Compliance: Ensures the cable is free from specified hazardous substances.
· China RoHS Compliance: Indicates it meets environmental regulations for the Chinese market.
1. Product Identification:
· Alpha Wire Part Number: 25073/1
· Product Type: Cable (specifically, a multi-conductor cable)
· Description: XTRAGUARD 2 RU AWM cable
2. Construction Details (Based on the table):
· Conductors: 3 (details about gauge not specified but implicitly multi-conductor)
· Insulation: Polyurethane (PU) - Indicated by "XTRAGUARD"
· Shielding: Not explicitly stated, but likely present given the "XTRAGUARD" designation.
· Outer Jacket: Polyurethane (PU)
· Ripcord: 810 Denier Nylon at one end
· Print: Includes Alpha Wire part number, AWG specifications, voltage ratings, RoHS compliance, and factory code.
3. Regulatory Compliance:
· RoHS 2 & RoHS 3: Compliant. No exemptions required.
· California Proposition 65: Exempt from labeling based on the Consent Judgement.
· EU Low Voltage Directive 2014/35/EU: Compliant.
· China RoHS: Compliant (SJ/T 11364-2014 and GB/T 26572-2011)
4. Specifications & Ratings:
· UL:
* AWM Style 1569: 105°C / 300 VRMS
* AWM Style 20668: 90°C / 300 VRMS (VW-1 Flame Rating, FT1)
· CSA International: C(RU) AWM I/II A/B - 90°C / 300 VRMS (FT1)
· Electrical Properties (Engineering Purposes):
* Voltage Rating: 300 VRMS
* Capacitance: 32 pF/ft
* Inductance: 0.17 μH/ft
* Conductor DCR: 4.4 Ω/1000ft
· Physical Properties:
* Temperature Range: -30°C to 90°C
* Bend Radius: 10X Cable Diameter
* Sunlight Resistance: Yes
* Pull Tension: 61 Lbs (maximum)
5. Key Highlights:
· XTRAGUARD: Suggests enhanced durability, flexibility, and possibly resistance to abrasion and chemicals, typical of polyurethane-based cables.
· Dual Ratings: The presence of both AWM 1569 (105°C) and AWM 20668 (90°C) indicates that the cable can operate at different temperature limits depending on the application and specific UL requirements.
· RoHS Compliance: Ensures the cable is free from specified hazardous substances.
· China RoHS Compliance: Indicates it meets environmental regulations for the Chinese market.
| Part No. | 250731_V01 |
| Manufacturer | ALPHAWIRE |
| Size | 98 Kbytes |
| Pages | 4 pages |
| Description | Customer Specification |
| Privacy Policy |
| ALLDATASHEET.COM |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |