Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAM-6717 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ADAM-6717 Datasheet

  • # Example questions: ➢ What is the maximum current allowed per channel for the digital output?
    ➢ What is the operating temperature range for these intelligent gateways?
    ➢ What are the available input range options for the analog input channels?

  • Part No.ADAM-6717
    ManufacturerADVANTECH
    Size226 Kbytes
    Pages1 page
    DescriptionIntelligent I/O Gateway with Analog Input
    Datasheet Summary with AI

    # ADAM-6700 Series Intelligent I/O Gateways (ADAM-6717, ADAM-6750, ADAM-6760D)

    ## Gateway Types
    · ADAM-6717: Intelligent I/O Gateway with Analog Input
    · ADAM-6750: Intelligent I/O Gateway with Digital I/O
    · ADAM-6760D: Intelligent I/O Gateway with Solid-State Relay Output (for DC)

    ## Common Specifications
    ### Hardware
    · MCU: Cortex-A8 32-Bit 1GHz
    · Memory: DDR3L 512MB
    · Storage: NAND flash 512MB, microSD slot (optional)
    · OS: RT Linux V3.12
    · Programming: Node-RED, Linux C
    · Power Input: 10 ~ 30 VDC
    · Operating Temperature: -40 ~ 70°C
    · Storage Temperature: -40 ~ 85°C
    · Isolation: 2500 VDC
    · Communication:
    * 2 x RJ-45 10/100 Mbps LAN ports (2 MAC IDs)
    * 2 x RS-485 Serial ports
    * 1 x USB Type-A 2.0
    * 1 x USB Micro-B 2.0

    ## ADAM-6717 (Analog Input)
    ### Analog Input
    · Channels: 8 (differential)
    · Sampling Rate: 10 or 100 samples/second (total)
    · Resolution: 16 bits
    · Input Range: Multiple options including 0 ~ 150mV, 0 ~ 5V, ±10V, 0 ~ 20mA, 4 ~ 20mA

    ## ADAM-6750 (Digital I/O)
    ### Digital Output
    · Channels: 12 (support 3KHz pulse output)
    · Output Type: Sink 30 VDC, 0.1A max. per channel
    ### Digital Input
    · Channels: 12 (support 3KHz counter input)
    · Dry Contact Logic: 0: Open, 1: Close to ground
    · Wet Contact Logic: 0: 0 ~ 3 VDC, 1: 10 ~ 30 VDC

    ## ADAM-6760D (Solid-State Relay)
    ### Digital Input
    · Channels: 8 (support 3KHz counter input)
    · Dry Contact Logic: 0: Open, 1: Close to ground
    · Wet Contact Logic: 0: 0 ~ 3 VDC, 1: 10 ~ 30 VDC
    ### Relay Output (PhotoMOS SPST)
    · Channels: 8 (Form A)
    · Contact Rating: 30 VDC, 1A @25°C (resistive), 0.7A @70°C (inductive)
    · Relay-On Time: 1.3 ms
    · Relay-Off Time: 0.8 ms
    · Insulation: 1500Vrms (Relay output to power)
    · Peak Load Current: 4A (100ms, 1 pulse)
    · Total Power Dissipation: 400mW / channel
    · On-State Resistance: 0.5 Ω

    ## Ordering Information
    · ADAM-6717-A: Intelligent I/O Gateway with Analog Input
    · ADAM-6750-A: Intelligent I/O Gateway with Digital I/O
    · ADAM-6760D-A: Intelligent I/O Gateway with Solid-State Relay Output

    # ADAM-6700 Series Intelligent I/O Gateways (ADAM-6717, ADAM-6750, ADAM-6760D)

    ## Gateway Types
    · ADAM-6717: Intelligent I/O Gateway with Analog Input
    · ADAM-6750: Intelligent I/O Gateway with Digital I/O
    · ADAM-6760D: Intelligent I/O Gateway with Solid-State Relay Output (for DC)

    ## Common Specifications
    ### Hardware
    · MCU: Cortex-A8 32-Bit 1GHz
    · Memory: DDR3L 512MB
    · Storage: NAND flash 512MB, microSD slot (optional)
    · OS: RT Linux V3.12
    · Programming: Node-RED, Linux C
    · Power Input: 10 ~ 30 VDC
    · Operating Temperature: -40 ~ 70°C
    · Storage Temperature: -40 ~ 85°C
    · Isolation: 2500 VDC
    · Communication:
    * 2 x RJ-45 10/100 Mbps LAN ports (2 MAC IDs)
    * 2 x RS-485 Serial ports
    * 1 x USB Type-A 2.0
    * 1 x USB Micro-B 2.0

    ## ADAM-6717 (Analog Input)
    ### Analog Input
    · Channels: 8 (differential)
    · Sampling Rate: 10 or 100 samples/second (total)
    · Resolution: 16 bits
    · Input Range: Multiple options including 0 ~ 150mV, 0 ~ 5V, ±10V, 0 ~ 20mA, 4 ~ 20mA

    ## ADAM-6750 (Digital I/O)
    ### Digital Output
    · Channels: 12 (support 3KHz pulse output)
    · Output Type: Sink 30 VDC, 0.1A max. per channel
    ### Digital Input
    · Channels: 12 (support 3KHz counter input)
    · Dry Contact Logic: 0: Open, 1: Close to ground
    · Wet Contact Logic: 0: 0 ~ 3 VDC, 1: 10 ~ 30 VDC

    ## ADAM-6760D (Solid-State Relay)
    ### Digital Input
    · Channels: 8 (support 3KHz counter input)
    · Dry Contact Logic: 0: Open, 1: Close to ground
    · Wet Contact Logic: 0: 0 ~ 3 VDC, 1: 10 ~ 30 VDC
    ### Relay Output (PhotoMOS SPST)
    · Channels: 8 (Form A)
    · Contact Rating: 30 VDC, 1A @25°C (resistive), 0.7A @70°C (inductive)
    · Relay-On Time: 1.3 ms
    · Relay-Off Time: 0.8 ms
    · Insulation: 1500Vrms (Relay output to power)
    · Peak Load Current: 4A (100ms, 1 pulse)
    · Total Power Dissipation: 400mW / channel
    · On-State Resistance: 0.5 Ω

    ## Ordering Information
    · ADAM-6717-A: Intelligent I/O Gateway with Analog Input
    · ADAM-6750-A: Intelligent I/O Gateway with Digital I/O
    · ADAM-6760D-A: Intelligent I/O Gateway with Solid-State Relay Output

    Part No.ADAM-6717
    ManufacturerADVANTECH
    Size226 Kbytes
    Pages1 page
    DescriptionIntelligent I/O Gateway with Analog Input