Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN79M12F Datasheet with Chat AI
Part No.AN79M12F
ManufacturerPANASONIC
Size70 Kbytes
Pages9 pages
Description3-pin Negative Output Voltage Regulators 500mA Type
Datasheet Summary with AI

The AN79M00 and AN79M00F series are 3-pin fixed negative output voltage regulators that provide stabilized fixed output voltage without the need for external components.
They offer 12 types of output voltage ranging from -5V to -24V and can be used in power circuits with current capacitance up to 500mA.
The regulators feature short-circuit current limiting and thermal overload protection.
The AN79M00 series comes in a TO-220AB package, while the AN79M00F series comes in a TO-220 Full Pack Package.
The electrical characteristics and absolute maximum ratings for each type of regulator are also provided.

Datasheet Summary with AI

The AN79M00 and AN79M00F series are 3-pin fixed negative output voltage regulators that provide stabilized fixed output voltage without the need for external components.
They offer 12 types of output voltage ranging from -5V to -24V and can be used in power circuits with current capacitance up to 500mA.
The regulators feature short-circuit current limiting and thermal overload protection.
The AN79M00 series comes in a TO-220AB package, while the AN79M00F series comes in a TO-220 Full Pack Package.
The electrical characteristics and absolute maximum ratings for each type of regulator are also provided.

Part No.AN79M12F
ManufacturerPANASONIC
Size70 Kbytes
Pages9 pages
Description3-pin Negative Output Voltage Regulators 500mA Type