| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about XV-9300CD Datasheet
# Example questions:
➢ What is the difference in scale factor between the xv-9100cd and the xv-9300cd?
➢ What is the typical current consumption of both the xv-9100cd and xv-9300cd when the output is not loaded?
➢ What is the acceptable storage temperature range for both the xv-9100cd and xv-9300cd?
# XV-9100CD & XV-9300CD Gyro Sensors
## General Information
· Product Type: Gyro Sensors designed for automotive applications.
· Features:
* Wide temperature support (-40°C to +105°C).
* Self-diagnosis function for high reliability.
* Compact and lightweight design.
* Excellent shock and vibration resistance.
* Conforms to AEC-Q100 (contact Seiko Epson).
· Recommended Applications: Electric Stability Control System, Rollover Protection System, Car Multimedia, Body Electronics, Remote Keyless Entry, Engine Control Unit, Air Bag, ESC.
· Product Numbers:
* XV-9100CD: X2A000221xxxx00
* XV-9300CD: X2A000231xxxx00
· Legal Notices: Material subject to change; Reproduction requires permission; Seiko Epson disclaims liability for customer damage or patent infringement; Adherence to export control laws required; Prohibited use includes weapon development.
## Specifications
· Supply Voltage (VDD): 5.0 V ±0.25 V
· Storage Temperature (TSTG): -40°C to +105°C
· Operating Temperature (TOPR): -40°C to +105°C
· Scale Factor (So): XV-9100CD: 0.004 × VDD mV/(°/s); XV-9300CD: 0.0012 × VDD mV/(°/s)
· Bias (V0): 0.5 × VDD V Typ.
· Rate Range: XV-9100CD: ±100 °/s; XV-9300CD: ±300 °/s
· Non Linearity (NL): ±0.5 % FS
· Frequency Response (BW): 52.6 Hz Typ. (-3dB point)
· Cross Axis Sensitivity (OS): ±5 % (Ta=+25°C)
· Current Consumption (Iop): 6.7 mA Typ.
· Noise (rN): XV-9100CD: 1.0 (°/s) p-p Max; XV-9300CD: 3.3 (°/s) p-p Max (5kHz sample at 200ms)
· Start-up Time (TACT): 300 ms Max
## Pinout
· 1: GND
· 2: CLK
· 3: DIAG
· 4: VDD
· 5: GND
· 6: N.C. (Not Connected)
· 7: Vout
· 8: GND
· 9: CHECK
· 10: N.C. (Not Connected)
## Certifications & Compliance
· Environmental Management: Certified under ISO 14001.
· Quality Management: Complies with ISO 9001 and ISO/TS 16949.
· RoHS Compliance: Complies with EU RoHS directive.
# XV-9100CD & XV-9300CD Gyro Sensors
## General Information
· Product Type: Gyro Sensors designed for automotive applications.
· Features:
* Wide temperature support (-40°C to +105°C).
* Self-diagnosis function for high reliability.
* Compact and lightweight design.
* Excellent shock and vibration resistance.
* Conforms to AEC-Q100 (contact Seiko Epson).
· Recommended Applications: Electric Stability Control System, Rollover Protection System, Car Multimedia, Body Electronics, Remote Keyless Entry, Engine Control Unit, Air Bag, ESC.
· Product Numbers:
* XV-9100CD: X2A000221xxxx00
* XV-9300CD: X2A000231xxxx00
· Legal Notices: Material subject to change; Reproduction requires permission; Seiko Epson disclaims liability for customer damage or patent infringement; Adherence to export control laws required; Prohibited use includes weapon development.
## Specifications
· Supply Voltage (VDD): 5.0 V ±0.25 V
· Storage Temperature (TSTG): -40°C to +105°C
· Operating Temperature (TOPR): -40°C to +105°C
· Scale Factor (So): XV-9100CD: 0.004 × VDD mV/(°/s); XV-9300CD: 0.0012 × VDD mV/(°/s)
· Bias (V0): 0.5 × VDD V Typ.
· Rate Range: XV-9100CD: ±100 °/s; XV-9300CD: ±300 °/s
· Non Linearity (NL): ±0.5 % FS
· Frequency Response (BW): 52.6 Hz Typ. (-3dB point)
· Cross Axis Sensitivity (OS): ±5 % (Ta=+25°C)
· Current Consumption (Iop): 6.7 mA Typ.
· Noise (rN): XV-9100CD: 1.0 (°/s) p-p Max; XV-9300CD: 3.3 (°/s) p-p Max (5kHz sample at 200ms)
· Start-up Time (TACT): 300 ms Max
## Pinout
· 1: GND
· 2: CLK
· 3: DIAG
· 4: VDD
· 5: GND
· 6: N.C. (Not Connected)
· 7: Vout
· 8: GND
· 9: CHECK
· 10: N.C. (Not Connected)
## Certifications & Compliance
· Environmental Management: Certified under ISO 14001.
· Quality Management: Complies with ISO 9001 and ISO/TS 16949.
· RoHS Compliance: Complies with EU RoHS directive.
| Part No. | XV-9300CD |
| Manufacturer | EPSON |
| Size | 809 Kbytes |
| Pages | 2 pages |
| Description | GYRO SENSOR FOR AUTOMOTIVE |
| Privacy Policy |
| ALLDATASHEET.COM |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |