Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MC79L05ACP Datasheet
Example questions:
1. What are some key features of the MC79L00 Series negative voltage regulators mentioned in the document?
2. What are the different nominal voltage options available for the MC79L00 Series regulators?
3. What are the operating temperature ranges for the MC79LXXACD and MC79LXXABD plastic power packages?
The MC79L00, A Series negative voltage regulators are low-cost, easy-to-use devices suitable for applications requiring up to 100 mA.
They feature thermal shutdown and current limiting, making them rugged and reliable.
No external components are required for operation in most applications.
These regulators are useful for on-card regulation or any other application where a regulated negative voltage at a modest current level is needed.
They offer substantial advantages over the common resistor/zener diode approach.
The regulators are available in either ±5% or ±10% selections and are offered in plastic packages.
They have maximum ratings for input voltage and storage temperature range, as well as electrical characteristics for output voltage, input regulation, load regulation, input bias current, output noise voltage, ripple rejection, and dropout voltage.
The regulators are available in various nominal voltages and operating temperature ranges.
Part No. | MC79L05ACP |
Manufacturer | ONSEMI |
Size | 78 Kbytes |
Pages | 8 pages |
Description | 100 mA Negative Voltage Regulators |