| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 1287G5 Datasheet
# Example questions:
➢ What is the maximum allowable ambient temperature during operation?
➢ What type of fixing method is used for this terminal block?
➢ What is the minimum core cross-section that can be used with this terminal block?
# 2000 K/ 5 DS GW - Screw Connector Terminal Block
## General Information
· Type: Terminal Block
· Number of Poles: 5
· Color: White
· Reference Number: 1287G5
· Applications: Installation, Electrical Appliances, Transformers
· PU (Pack Unit): 40
## Technical Specifications
· Cross-Section: 16.0 mm²
· Connection Type: Screw
· Pin Spacing: 14.5 mm
· Wire Protector (DS): Yes
· Fixing: Screw
· Voltage Rating: 500 V
· Current Rating: 76 A
· Insulating Material: PA 6-GW
· Contact Material: Brass
· Core Cross-Section (min): 0.5 mm²
· Core Cross-Section (max): 10.0 mm²
· Flammability Rating: V-2
· Max. Ambient Temperature: 85 °C
· Conductor Types Supported: Solid, Flexible, Stranded
· Stripping Length: 10.0-10.5 mm
· Assembly Contact Screw: 1.0x5.5 / 2.0 Nm
## Approvals
· EN60998 2000
· UL
· CSA
## Accessories
· ZEL 110 196420
# 2000 K/ 5 DS GW - Screw Connector Terminal Block
## General Information
· Type: Terminal Block
· Number of Poles: 5
· Color: White
· Reference Number: 1287G5
· Applications: Installation, Electrical Appliances, Transformers
· PU (Pack Unit): 40
## Technical Specifications
· Cross-Section: 16.0 mm²
· Connection Type: Screw
· Pin Spacing: 14.5 mm
· Wire Protector (DS): Yes
· Fixing: Screw
· Voltage Rating: 500 V
· Current Rating: 76 A
· Insulating Material: PA 6-GW
· Contact Material: Brass
· Core Cross-Section (min): 0.5 mm²
· Core Cross-Section (max): 10.0 mm²
· Flammability Rating: V-2
· Max. Ambient Temperature: 85 °C
· Conductor Types Supported: Solid, Flexible, Stranded
· Stripping Length: 10.0-10.5 mm
· Assembly Contact Screw: 1.0x5.5 / 2.0 Nm
## Approvals
· EN60998 2000
· UL
· CSA
## Accessories
· ZEL 110 196420
| Part No. | 1287G5 |
| Manufacturer | ADELS |
| Size | 121 Kbytes |
| Pages | 2 pages |
| Description | 2000 K/ 5 DS GW |