Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14584BCP Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MC14584BCP Datasheet

  • Example questions: 1. What is the supply voltage range for the MC14584B Hex Schmitt Trigger?
    2. What is the maximum power dissipation per package for the MC14584B?
    3. How many pins does the MC14584B have in the SOIC-14 package?

  • Part No.MC14584BCP
    ManufacturerONSEMI
    Size163 Kbytes
    Pages8 pages
    DescriptionHex Schmitt Trigger
    Datasheet Summary with AI

    The MC14584B Hex Schmitt Trigger is a semiconductor device constructed with MOS P–channel and N–channel enhancement mode devices in a single monolithic structure.
    It is designed for low power dissipation and high noise immunity.
    It can be used in place of the MC14069UB hex inverter for enhanced noise immunity to “square up” slowly changing waveforms.
    The device has a supply voltage range of 3.0 Vdc to 18 Vdc and is capable of driving two low–power TTL loads or one low–power Schottky TTL load over the rated temperature range.
    It also has double diode protection on all inputs and can be used to replace MC14069UB.
    The device contains protection circuitry to guard against damage due to high static voltages or electric fields.
    Unused inputs must always be tied to an appropriate logic voltage level and unused outputs must be left open.
    The device is available in different package options and has specific ordering information.
    It also has maximum ratings and electrical characteristics specified.
    The device is suitable for applications requiring maximum noise immunity in gate applications and for squaring up inputs with slow rise and fall times.

    Datasheet Summary with AI

    The MC14584B Hex Schmitt Trigger is a semiconductor device constructed with MOS P–channel and N–channel enhancement mode devices in a single monolithic structure.
    It is designed for low power dissipation and high noise immunity.
    It can be used in place of the MC14069UB hex inverter for enhanced noise immunity to “square up” slowly changing waveforms.
    The device has a supply voltage range of 3.0 Vdc to 18 Vdc and is capable of driving two low–power TTL loads or one low–power Schottky TTL load over the rated temperature range.
    It also has double diode protection on all inputs and can be used to replace MC14069UB.
    The device contains protection circuitry to guard against damage due to high static voltages or electric fields.
    Unused inputs must always be tied to an appropriate logic voltage level and unused outputs must be left open.
    The device is available in different package options and has specific ordering information.
    It also has maximum ratings and electrical characteristics specified.
    The device is suitable for applications requiring maximum noise immunity in gate applications and for squaring up inputs with slow rise and fall times.

    Part No.MC14584BCP
    ManufacturerONSEMI
    Size163 Kbytes
    Pages8 pages
    DescriptionHex Schmitt Trigger
    Privacy Policy
    ALLDATASHEET.COM
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Datasheet Upload   |  Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com