| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 148752 Datasheet
# Example questions:
➢ What is the minimum wall thickness supported by this plug?
➢ What is the maximum permissible ambient temperature during operation?
➢ What type of screw is required for assembly of the contact?
# AC 164 EST/ 2 white – Panel Mounting Plug
## General Information
· Reference Number: 148752
· Applications: Lighting, Installation, Electrical Appliances
· Packaging Unit (PU): 100
· EAN: 4028012123957
· Type: Plug
· Poles: 2
· Color: White
· Coding: 1 (Mains)
## Technical Specifications
· Voltage Rating: 250 V
· Current Rating: 16 A
· Cross-Section: 1.5 mm²
· Minimum Wall Thickness: 0.5 mm
· Maximum Wall Thickness: 1.2 mm
· Insulating Material: PA 6.6
· Contact Material: Brass
· Minimum Core Cross-Section: 0.5 mm²
· Maximum Core Cross-Section: 1.5 mm²
· Impulse Voltage Rating: 4.0 kV
· Flammability Rating: V-2
· Maximum Ambient Temperature (Operation): 70 °C
· IP Code: IP20 (IP40 when plugged)
· Conductor Types Supported: Solid, Flexible, Stranded
## Assembly & Stripping
· Stripping Length: 7.0 mm
· Assembly Screw: PZ 1 / 0.5 Nm
## Approvals
· EN61535: AC 164_EN61535_20190125_DEKRA_ENEC_71-107174_web.pdf
· UL: 160_163_AC164_AC166_20011003_20170727_UL_E220480_Sec.1-0
# AC 164 EST/ 2 white – Panel Mounting Plug
## General Information
· Reference Number: 148752
· Applications: Lighting, Installation, Electrical Appliances
· Packaging Unit (PU): 100
· EAN: 4028012123957
· Type: Plug
· Poles: 2
· Color: White
· Coding: 1 (Mains)
## Technical Specifications
· Voltage Rating: 250 V
· Current Rating: 16 A
· Cross-Section: 1.5 mm²
· Minimum Wall Thickness: 0.5 mm
· Maximum Wall Thickness: 1.2 mm
· Insulating Material: PA 6.6
· Contact Material: Brass
· Minimum Core Cross-Section: 0.5 mm²
· Maximum Core Cross-Section: 1.5 mm²
· Impulse Voltage Rating: 4.0 kV
· Flammability Rating: V-2
· Maximum Ambient Temperature (Operation): 70 °C
· IP Code: IP20 (IP40 when plugged)
· Conductor Types Supported: Solid, Flexible, Stranded
## Assembly & Stripping
· Stripping Length: 7.0 mm
· Assembly Screw: PZ 1 / 0.5 Nm
## Approvals
· EN61535: AC 164_EN61535_20190125_DEKRA_ENEC_71-107174_web.pdf
· UL: 160_163_AC164_AC166_20011003_20170727_UL_E220480_Sec.1-0
| Part No. | 148752 |
| Manufacturer | ADELS |
| Size | 119 Kbytes |
| Pages | 2 pages |
| Description | AC 164 EST/ 2 white |