Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACAG0301-24505500-EVB Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ACAG0301-24505500-EVB Datasheet

  • # Example questions: ➢ What are the dimensions of the evaluation board?
    ➢ What is the recommended ground clearance area around the chip antenna?
    ➢ What frequencies does the acag0801-24505500-t chip antenna operate at?

  • Part No.ACAG0301-24505500-EVB
    ManufacturerABRACON
    Size1Mb
    Pages4 pages
    DescriptionDualband WiFi/Bluetooth Chip Antenna Evaluation Board
    Datasheet Summary with AI

    # ACAG0301-24505500-EVB: Dualband WiFi/Bluetooth Chip Antenna Evaluation Board

    ## Description

    · Designed for evaluating the ACAG0801-24505500-T dual-band chip antenna.
    · Operates at 2450 and 5500 MHz.
    · Typical bandwidth: 100 MHz (2450 MHz) and 800 MHz (5500 MHz).
    · Suitable for Wi-Fi, Bluetooth, BLE, and ISM applications.
    · Board dimensions: 90.0 x 50.0 mm.

    ## Usage Instructions

    · Calibrate a Vector Network Analyzer (VNA) for the testing frequency band.
    · Connect the evaluation board to the calibrated port using the SMA connector.

    ## Chip Antenna Layout

    · Yellow highlighted space indicates the ground clearance area around the chip antenna.
    · Desired clearance area: 6.0 x 5.0 mm.
    · Matching network (Pi network) is provided on the EVB layout.

    · Matching will vary on customer PCBs due to layout differences.
    · Matching network uses a 0.8 pF capacitor.

    ## Chip Antenna Dimensions

    · Symbol | L | W | T | a | b | c
    · Dimensions | 3.2+/-0.2 mm | 1.6+/-0.2 mm | 1.2+/-0.1 mm | 0.5+/-0.1 mm | 0.7+/-0.1 mm | 1.0+/-0.1 mm

    ## Important Notice

    · Abracon products are Commercial-Off-The-Shelf (COTS) and suitable for Commercial, Industrial, and Automotive applications.
    · Not designed for Military, Aviation, Aerospace, or Life-dependent Medical applications requiring high reliability.
    · Written consent is required for applications with extreme operating environments or where component failure could cause loss of life or property.

    # ACAG0301-24505500-EVB: Dualband WiFi/Bluetooth Chip Antenna Evaluation Board

    ## Description

    · Designed for evaluating the ACAG0801-24505500-T dual-band chip antenna.
    · Operates at 2450 and 5500 MHz.
    · Typical bandwidth: 100 MHz (2450 MHz) and 800 MHz (5500 MHz).
    · Suitable for Wi-Fi, Bluetooth, BLE, and ISM applications.
    · Board dimensions: 90.0 x 50.0 mm.

    ## Usage Instructions

    · Calibrate a Vector Network Analyzer (VNA) for the testing frequency band.
    · Connect the evaluation board to the calibrated port using the SMA connector.

    ## Chip Antenna Layout

    · Yellow highlighted space indicates the ground clearance area around the chip antenna.
    · Desired clearance area: 6.0 x 5.0 mm.
    · Matching network (Pi network) is provided on the EVB layout.
    · Matching will vary on customer PCBs due to layout differences.
    · Matching network uses a 0.8 pF capacitor.

    ## Chip Antenna Dimensions

    · Symbol | L | W | T | a | b | c
    · Dimensions | 3.2+/-0.2 mm | 1.6+/-0.2 mm | 1.2+/-0.1 mm | 0.5+/-0.1 mm | 0.7+/-0.1 mm | 1.0+/-0.1 mm

    ## Important Notice

    · Abracon products are Commercial-Off-The-Shelf (COTS) and suitable for Commercial, Industrial, and Automotive applications.
    · Not designed for Military, Aviation, Aerospace, or Life-dependent Medical applications requiring high reliability.
    · Written consent is required for applications with extreme operating environments or where component failure could cause loss of life or property.

    Part No.ACAG0301-24505500-EVB
    ManufacturerABRACON
    Size1Mb
    Pages4 pages
    DescriptionDualband WiFi/Bluetooth Chip Antenna Evaluation Board