| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ABH3 Datasheet
# Example questions:
➢ What is the typical equivalent series resistance (esr) for a crystal with a frequency between 10.000 and 15.999 mhz?
➢ What load capacitance value is specified as standard, and is it possible to request a different value?
➢ What is the maximum operating temperature for the abh3a series crystal if option 'd' is selected?
# ABH3 Industrial Grade Crystal
## General Description
· 5.0 x 3.2 x 1.1mm SMD Crystal
· Glass sealed
· RoHS Compliant
· Pb in glass (exempt per RoHS 2002/95/EC Annex 5)
· Preliminary - Contact Abracon for availability.
## Features
· Automotive standard AEC-Q200 compliant.
· Ceramic package hermetically glass sealed.
· IR-reflow capable.
· Tight tolerance and stability available.
## Applications
· Automotive
· Industrial
## Specifications
· Frequency: 8.000 MHz to 40.000 MHz
· Operation Mode: AT cut fundamental
· Operating Temperature Options:
* E: 0°C ~ +70°C
* B: -20°C ~ +70°C
* C: -30°C ~ +70°C
* N: -30°C ~ +85°C
* D: -40°C ~ +85°C
* J: -40°C to +105°C
* K: -40°C to +125°C
· Storage Temperature: -40°C to +125°C
· Frequency Tolerance: ± 50 ppm max (options available: ±10 ppm, ±15 ppm, ±20 ppm, ±25 ppm, ±30 ppm)
· Frequency Stability: ± 50 ppm max. (options available: ±10 ppm, ±15 ppm, ±20 ppm, ±25 ppm, ±30 ppm, ±35 ppm, ±100 ppm, ±150 ppm)
· Equivalent Series Resistance (ESR): See Table 1 (varies by frequency)
· Shunt Capacitance (C0): 5.0 pF max.
· Load Capacitance (CL): 10 pF (options available)
· Drive Level: 100 Wμ max., 10 Wμ typical
· Aging (First Year): ± 3°C
· Insulation Resistance: 500 MΩ min at 100Vdc ± 15 Vdc
## Packaging
· Blank: Bulk
· T: Tape & Reel (1,000 pcs/reel)
## Contact Information
· Abracon
· 30332 Esperanza, Rancho Santa Margarita, California 92688
· Tel: 949-546-8000
· Fax: 949-546-8001
· [www.abracon.com](http://www.abracon.com)
# ABH3 Industrial Grade Crystal
## General Description
· 5.0 x 3.2 x 1.1mm SMD Crystal
· Glass sealed
· RoHS Compliant
· Pb in glass (exempt per RoHS 2002/95/EC Annex 5)
· Preliminary - Contact Abracon for availability.
## Features
· Automotive standard AEC-Q200 compliant.
· Ceramic package hermetically glass sealed.
· IR-reflow capable.
· Tight tolerance and stability available.
## Applications
· Automotive
· Industrial
## Specifications
· Frequency: 8.000 MHz to 40.000 MHz
· Operation Mode: AT cut fundamental
· Operating Temperature Options:
* E: 0°C ~ +70°C
* B: -20°C ~ +70°C
* C: -30°C ~ +70°C
* N: -30°C ~ +85°C
* D: -40°C ~ +85°C
* J: -40°C to +105°C
* K: -40°C to +125°C
· Storage Temperature: -40°C to +125°C
· Frequency Tolerance: ± 50 ppm max (options available: ±10 ppm, ±15 ppm, ±20 ppm, ±25 ppm, ±30 ppm)
· Frequency Stability: ± 50 ppm max. (options available: ±10 ppm, ±15 ppm, ±20 ppm, ±25 ppm, ±30 ppm, ±35 ppm, ±100 ppm, ±150 ppm)
· Equivalent Series Resistance (ESR): See Table 1 (varies by frequency)
· Shunt Capacitance (C0): 5.0 pF max.
· Load Capacitance (CL): 10 pF (options available)
· Drive Level: 100 Wμ max., 10 Wμ typical
· Aging (First Year): ± 3°C
· Insulation Resistance: 500 MΩ min at 100Vdc ± 15 Vdc
## Packaging
· Blank: Bulk
· T: Tape & Reel (1,000 pcs/reel)
## Contact Information
· Abracon
· 30332 Esperanza, Rancho Santa Margarita, California 92688
· Tel: 949-546-8000
· Fax: 949-546-8001
· [www.abracon.com](http://www.abracon.com)
| Part No. | ABH3 |
| Manufacturer | ABRACON |
| Size | 876 Kbytes |
| Pages | 2 pages |
| Description | INDUSTRIAL GRADE 5.0 x 3.2 x 1.1mm GLASS SEALED 2 PADS SMD CRYSTAL |
| Privacy Policy |
| ALLDATASHEET.COM |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |