| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about GRL-4011B-0000 Datasheet
# Example questions:
➢ What is the maximum operating temperature for this switch without contacting the factory for different ranges?
➢ What materials are used for the terminal and moving contact within this switch?
➢ What is the acceptable range for panel thickness when mounting this rocker switch?
CW Industries - 4000 Series Illuminated Miniature Rocker Switches (GRL-4011B-0000)
## Specifications
· Circuitry: SPST
· Switch Function: (ON)-OFF
· Electrical Rating: 8A 14VDC
· Panel Thickness: 0.050 - 0.150 in (1.27 - 3.81 mm)
· Mounting: Self-locking into a 0.756" x 0.508" cutout. Burr direction must be away from insertion direction.
· Mounting Polarization: None
· Actuator Color: Red
· Actuator Legend: None
· Illumination: LED
· Housing Color: Black
· Insulating Barriers: Between poles, between terminals, no barriers.
· Terminal Options:
* 0.187 x 0.032in (4.75 x 0.81mm) - Quick Connect
* 0.187 x 0.020in (4.75 x 0.51mm) - Quick Connect
* 0.110 x 0.032in (2.79 x 0.81mm) - Quick Connect
* 0.110 x 0.032in (2.79 x 0.81mm) - Solder Terminal
· Contact Action: Sliding with self-cleaning contacts
## Materials
· Rocker Knob: Translucent Nylon 6/6 (Optional), Transparent Polycarbonate (Standard)
· Rocker Lamp: LED
· Housing: Nylon 94V-2
· Terminal & Moving Contact: Copper Alloy or Copper Alloy Silver Plated
## Operating Standards
· Endurance: 100,000 cycles (no load), minimum 25,000 cycles (rated load)
· Contact Resistance: Less than 0.01 Ω at 10 mA
· Operating Temperature: -20ºC to 105ºC
· Dielectric Withstanding Voltage: 2,500 V, 60 Hz for 1 minute
· Humidity: Insulation resistance > 10³ MΩ after 100 hours at 95% R.H.
Contact Information:
· Phone: 215-355-7080
· Fax: 215-355-1088
· Email: info@cwind.com
· Website: http://www.cwind.com
CW Industries - 4000 Series Illuminated Miniature Rocker Switches (GRL-4011B-0000)
## Specifications
· Circuitry: SPST
· Switch Function: (ON)-OFF
· Electrical Rating: 8A 14VDC
· Panel Thickness: 0.050 - 0.150 in (1.27 - 3.81 mm)
· Mounting: Self-locking into a 0.756" x 0.508" cutout. Burr direction must be away from insertion direction.
· Mounting Polarization: None
· Actuator Color: Red
· Actuator Legend: None
· Illumination: LED
· Housing Color: Black
· Insulating Barriers: Between poles, between terminals, no barriers.
· Terminal Options:
* 0.187 x 0.032in (4.75 x 0.81mm) - Quick Connect
* 0.187 x 0.020in (4.75 x 0.51mm) - Quick Connect
* 0.110 x 0.032in (2.79 x 0.81mm) - Quick Connect
* 0.110 x 0.032in (2.79 x 0.81mm) - Solder Terminal
· Contact Action: Sliding with self-cleaning contacts
## Materials
· Rocker Knob: Translucent Nylon 6/6 (Optional), Transparent Polycarbonate (Standard)
· Rocker Lamp: LED
· Housing: Nylon 94V-2
· Terminal & Moving Contact: Copper Alloy or Copper Alloy Silver Plated
## Operating Standards
· Endurance: 100,000 cycles (no load), minimum 25,000 cycles (rated load)
· Contact Resistance: Less than 0.01 Ω at 10 mA
· Operating Temperature: -20ºC to 105ºC
· Dielectric Withstanding Voltage: 2,500 V, 60 Hz for 1 minute
· Humidity: Insulation resistance > 10³ MΩ after 100 hours at 95% R.H.
Contact Information:
· Phone: 215-355-7080
· Fax: 215-355-1088
· Email: info@cwind.com
· Website: http://www.cwind.com
| Part No. | GRL-4011B-0000 |
| Manufacturer | CWIND |
| Size | 196 Kbytes |
| Pages | 2 pages |
| Description | 4000 Series Illuminated Miniature Rocker Switches |
| Privacy Policy |
| ALLDATASHEET.COM |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |