| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CMC-9745-L100 Datasheet
# Example questions:
➢ How does the sensitivity of this microphone change when the operating voltage is reduced from 5 vdc to 0 vdc?
➢ What is the maximum current consumption of this microphone when operating at 5 vdc with a load resistance of 0 kω?
➢ What is the typical sensitivity of this microphone at 1 khz with a sound pressure level of 1 pa?
# MODEL: CMC-9745-L100 DESCRIPTION: ELECTRET CONDENSER MICROPHONE
## FEATURES
· Unidirectional
· High signal-to-noise ratio
· 100 mm lead wires
## SPECIFICATIONS
· Directivity: Unidirectional
· Sensitivity (S): -40 to -34 dB (f = 1 kHz, 1 Pa, 0 dB = 1 V/Pa)
· Standard Operating Voltage (Vs): 1.5 Vdc
· Max Operating Voltage: 9 Vdc
· Output Impedance (Zout): 1.4 to 2.6 kΩ (f = 1 kHz, 1 Pa)
· Sensitivity Reduction (∆S-Vs): -3 dB (f = 1 kHz, 1 Pa, Vs = 1.5 ~ 1.0 Vdc)
· Frequency (f): 100 to 12,000 Hz
· Current Consumption (IDSS): 0.4 mA (Vs = 1.5 Vdc, RL = 2.0 kΩ)
· Signal-to-Noise Ratio (S/N): 69 dBA (f = 1 kHz, 1 Pa, A-weighted)
· Dimensions: Ø9.7 x 4.5 mm
· Material: Aluminum
· Terminal: Wire leads
· Weight: 1 g
· Operating Temperature: -20 to 70 °C
· Storage Temperature: -20 to 70 °C
· RoHS Compliance: 2011/65/EU
## SOLDERABILITY
· Hand Soldering: 310 to 330 °C (maximum 2 seconds)
## MECHANICAL DRAWING
· Units: mm
· Tolerance: ±0.2 mm
· Wire: UL1571 LF 30 AWG
## PACKAGING
· Outer Box Size: 310 x 248 x 49 mm
· Carton Box Size: 550 x 330 x 290 mm
· Outer Box Quantity: 1,500 pcs per box
· Carton Box Quantity: 15,000 pcs per box
## REVISION HISTORY
· 1.0: Initial Release (11/28/2016)
## WARRANTY AND DISCLAIMERS
· One (1) year limited warranty
· CUI reserves the right to make changes without notice
· Not authorized for use in critical life support systems
# MODEL: CMC-9745-L100 DESCRIPTION: ELECTRET CONDENSER MICROPHONE
## FEATURES
· Unidirectional
· High signal-to-noise ratio
· 100 mm lead wires
## SPECIFICATIONS
· Directivity: Unidirectional
· Sensitivity (S): -40 to -34 dB (f = 1 kHz, 1 Pa, 0 dB = 1 V/Pa)
· Standard Operating Voltage (Vs): 1.5 Vdc
· Max Operating Voltage: 9 Vdc
· Output Impedance (Zout): 1.4 to 2.6 kΩ (f = 1 kHz, 1 Pa)
· Sensitivity Reduction (∆S-Vs): -3 dB (f = 1 kHz, 1 Pa, Vs = 1.5 ~ 1.0 Vdc)
· Frequency (f): 100 to 12,000 Hz
· Current Consumption (IDSS): 0.4 mA (Vs = 1.5 Vdc, RL = 2.0 kΩ)
· Signal-to-Noise Ratio (S/N): 69 dBA (f = 1 kHz, 1 Pa, A-weighted)
· Dimensions: Ø9.7 x 4.5 mm
· Material: Aluminum
· Terminal: Wire leads
· Weight: 1 g
· Operating Temperature: -20 to 70 °C
· Storage Temperature: -20 to 70 °C
· RoHS Compliance: 2011/65/EU
## SOLDERABILITY
· Hand Soldering: 310 to 330 °C (maximum 2 seconds)
## MECHANICAL DRAWING
· Units: mm
· Tolerance: ±0.2 mm
· Wire: UL1571 LF 30 AWG
## PACKAGING
· Outer Box Size: 310 x 248 x 49 mm
· Carton Box Size: 550 x 330 x 290 mm
· Outer Box Quantity: 1,500 pcs per box
· Carton Box Quantity: 15,000 pcs per box
## REVISION HISTORY
· 1.0: Initial Release (11/28/2016)
## WARRANTY AND DISCLAIMERS
· One (1) year limited warranty
· CUI reserves the right to make changes without notice
· Not authorized for use in critical life support systems
| Part No. | CMC-9745-L100 |
| Manufacturer | CUI |
| Size | 433 Kbytes |
| Pages | 4 pages |
| Description | ELECTRET CONDENSER MICROPHONE |