Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB0805A2017ASTR Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DB0805A2017ASTR Datasheet

  • # Example questions: ➢ What is the typical operating frequency range for this db0805a2017astr coupler?
    ➢ How does the specified operating temperature range of -40°c to +85°c affect the performance parameters listed in the electrical characteristics table?
    ➢ What physical dimensions, in millimeters, define the '0805' size of this surface mountable component?

  • Part No.DB0805A2017ASTR
    ManufacturerAVX
    Size71 Kbytes
    Pages3 pages
    DescriptionMiniature 0805 size
    Datasheet Summary with AI

    # DB0805A 3dB 90° Coupler 2017 MHz (DB0805A2017ASTR)

    ## General Description

    · Based on thin-film multilayer technology.
    · Miniature 0805 size.
    · Designed for high-frequency wireless systems.
    · RoHS Compliant.
    · Supplied on T&R packaging.

    ## Features

    · Miniature 0805 size
    · Low Insertion Loss (I.Loss)
    · High Isolation
    · Surface mountable
    · RoHS Compliant
    · Supplied on T&R

    ## Applications

    · Balanced Amplifiers
    · Signal Distribution in Wireless Communications

    ## Electrical Parameters (Guaranteed -40°C to +85°C)

    Parameter Min Typ Max Unit
    Frequency 2010 2025 MHz
    Port Impedance 50 Ω
    Return Loss 12 26 dB
    Isolation 12 17 dB
    Insertion Loss 0.25 0.4 dB
    Amplitude Balance 0.4 0.8 dB
    Phase Balance (relative to 90º) 1 3 Degrees
    Power Handling 5 Watts

    ## Dimensions (mm / inches)

    · L: 2.03±0.1 (0.080±0.004)
    · W: 1.55±0.1 (0.061±0.004)
    · T: 0.98±0.15 (0.037±0.006)
    · A: 0.56±0.25 (0.022±0.010)
    · B: 0.35±0.15 (0.014±0.006)

    ## Recommended Pad Layout (mm)

    · Refer to product specification for detailed layout.

    # DB0805A 3dB 90° Coupler 2017 MHz (DB0805A2017ASTR)

    ## General Description

    · Based on thin-film multilayer technology.
    · Miniature 0805 size.
    · Designed for high-frequency wireless systems.
    · RoHS Compliant.
    · Supplied on T&R packaging.

    ## Features

    · Miniature 0805 size
    · Low Insertion Loss (I.Loss)
    · High Isolation
    · Surface mountable
    · RoHS Compliant
    · Supplied on T&R

    ## Applications

    · Balanced Amplifiers
    · Signal Distribution in Wireless Communications

    ## Electrical Parameters (Guaranteed -40°C to +85°C)

    Parameter Min Typ Max Unit
    Frequency 2010 2025 MHz
    Port Impedance 50 Ω
    Return Loss 12 26 dB
    Isolation 12 17 dB
    Insertion Loss 0.25 0.4 dB
    Amplitude Balance 0.4 0.8 dB
    Phase Balance (relative to 90º) 1 3 Degrees
    Power Handling 5 Watts

    ## Dimensions (mm / inches)

    · L: 2.03±0.1 (0.080±0.004)
    · W: 1.55±0.1 (0.061±0.004)
    · T: 0.98±0.15 (0.037±0.006)
    · A: 0.56±0.25 (0.022±0.010)
    · B: 0.35±0.15 (0.014±0.006)

    ## Recommended Pad Layout (mm)

    · Refer to product specification for detailed layout.

    Part No.DB0805A2017ASTR
    ManufacturerAVX
    Size71 Kbytes
    Pages3 pages
    DescriptionMiniature 0805 size