Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ941-1C-24D Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AZ941-1C-24D Datasheet

  • # Example questions: ➢ What is the maximum permissible immersion time for this relay in a solvent?
    ➢ What is the maximum solder temperature and time allowed for this relay?
    ➢ What materials are used for the terminals of this relay?

  • Part No.AZ941-1C-24D
    ManufacturerETC
    Size54 Kbytes
    Pages2 pages
    DescriptionMINIATURE PC BOARD RELAY
    Datasheet Summary with AI

    1. General Characteristics:

    · Contact Type: SPDT (Single Pole Double Throw) - Also available as Form A (Normally Open).
    · Material (Contacts): Silver Cadmium Oxide
    · Initial Resistance: 100 milliohms
    · Voltage Warning: Special precautions are needed if switching voltages greater than 30VDC.

    2. Environmental & Handling:

    · Max. Solder Temperature: 270°C (518°F)
    · Max. Solder Time: 5 seconds
    · Max. Solvent Temperature: 80°C (176°F)
    · Max. Immersion Time: 30 seconds

    3. Mechanical & Electrical Properties:

    · Terminals: Tinned Copper Alloy, PC (Printed Circuit)
    · Enclosure Material: Not explicitly mentioned, but implied to be suitable for the application.

    4. Performance Ratings (Varying by "Duty" level - Light, Medium, Heavy, Extra Heavy):

    · Light Duty:
    * Max. Switched Power: 90W / 750VA
    * Max. Switched Current: 3A
    · Medium Duty:
    * Max. Switched Power: 150W / 1250VA
    * Max. Switched Current: 5A
    * HP Rating: 1/10 HP @ 125VAC
    · Heavy Duty:
    * Max. Switched Power: 300W / 2500VA
    * Max. Switched Current: 12A
    * HP Rating: 1/4 HP @ 125VAC
    · Extra Heavy Duty:
    * Max. Switched Power: 300W / 4000VA
    * Max. Switched Current: 16A
    * HP Rating: 1/2 HP @ 250VAC

    5. Other Dimensions/Specifications

    · Vibration Resistance - Not explicitly mentioned, but the construction would need to tolerate normal vibration conditions.
    · Shock Resistance - Similar to above
    · Operating temperature - Not explicitly mentioned, but would need to be suitable for the application.

    1. General Characteristics:

    · Contact Type: SPDT (Single Pole Double Throw) - Also available as Form A (Normally Open).
    · Material (Contacts): Silver Cadmium Oxide
    · Initial Resistance: 100 milliohms
    · Voltage Warning: Special precautions are needed if switching voltages greater than 30VDC.

    2. Environmental & Handling:

    · Max. Solder Temperature: 270°C (518°F)
    · Max. Solder Time: 5 seconds
    · Max. Solvent Temperature: 80°C (176°F)
    · Max. Immersion Time: 30 seconds

    3. Mechanical & Electrical Properties:

    · Terminals: Tinned Copper Alloy, PC (Printed Circuit)
    · Enclosure Material: Not explicitly mentioned, but implied to be suitable for the application.

    4. Performance Ratings (Varying by "Duty" level - Light, Medium, Heavy, Extra Heavy):

    · Light Duty:
    * Max. Switched Power: 90W / 750VA
    * Max. Switched Current: 3A
    · Medium Duty:
    * Max. Switched Power: 150W / 1250VA
    * Max. Switched Current: 5A
    * HP Rating: 1/10 HP @ 125VAC
    · Heavy Duty:
    * Max. Switched Power: 300W / 2500VA
    * Max. Switched Current: 12A
    * HP Rating: 1/4 HP @ 125VAC
    · Extra Heavy Duty:
    * Max. Switched Power: 300W / 4000VA
    * Max. Switched Current: 16A
    * HP Rating: 1/2 HP @ 250VAC

    5. Other Dimensions/Specifications

    · Vibration Resistance - Not explicitly mentioned, but the construction would need to tolerate normal vibration conditions.
    · Shock Resistance - Similar to above
    · Operating temperature - Not explicitly mentioned, but would need to be suitable for the application.

    Part No.AZ941-1C-24D
    ManufacturerETC
    Size54 Kbytes
    Pages2 pages
    DescriptionMINIATURE PC BOARD RELAY