Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EH12NMSSBBO Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about EH12NMSSBBO Datasheet

  • # Example questions: ➢ What is the minimum dielectric strength between the contacts of this illuminated pushbutton?
    ➢ What are the available options for the switch finish, and how are they designated in the ordering information?
    ➢ If a red and yellow dual led is desired, what designation should be used when ordering?

  • Part No.EH12NMSSBBO
    ManufacturerCIT
    Size172 Kbytes
    Pages3 pages
    DescriptionIlluminated Pushbutton
    Datasheet Summary with AI

    # _EH_

    Illuminated Pushbutton

    ## _Ordering Information_

    · Series: EH 12 N M SS B BO
    · Switch Body Diameter: 12 = 12mm
    · Switch Function: N = Momentary
    · Actuator Style: M = Round, L = Round with LED
    · Switch Finish: SS = Brushed Stainless Steel, B = Black Anodized Aluminum
    · Cap Color Options: Blank = Stainless Steel, 2 = Black, 3 = Red, 4 = Yellow, 5 = Green, 7 = Blue
    · Terminal Options: Z = Screw Terminals (not available with illuminated option), B = Solder Lugs
    · LED Color: X = No LED, R = Red, Y = Yellow, G = Green, B = Blue, W = White, O = Orange, RO = Red / Orange, RY = Red / Yellow, RG = Red / Green, RB = Red / Blue, OY = Orange / Yellow, OG = Orange / Green, OB = Orange / Blue, YG = Yellow / Green, YB = Yellow / Blue, GB = Green / Blue

    ## _Specifications_

    Specifi cations Value
    Electrical Ratings 2A @ 48VDC
    Electrical Life 200,000 cycles typical
    Contact Resistance ≤ 50mΩ initial
    Mechanical Resistance 500,000 cycles typical
    Sealing Degree IP65

    ## _Dimensions_

    · M12 x 1.0
    · Ø 17.50
    · 4.25 MAX
    · R11.00
    · Ø 2.95 Illuminated Dot

    ## _Schematics Panel Cut-Out_

    · Ø 12.00
    · (2X) 3.00
    · (2X) 3.00
    · 6.50 MAX
    · 4.00
    · (2X) Ø 1.50 THRU
    · (2X) 3.50
    · (2X) 2.00
    · Z B B with LED
    · (2X) 6.00
    · (2X) 5.00
    · 1.90 TYP
    · .45 TYP

    ## _LED Characteristics_

    Characteristic Value
    VR (Reverse Voltage) 5 V
    IF (Forward Current avg) 25 mA
    IFS (Forward Current peak) 120 mA
    IR (Reverse Current) 10 μA
    PT (Power Dissipation) 80 mW
    TA (Operating Temp) -40 to +85 °C
    VF (Forward Voltage) 2.1 - 3.6 V
    λP (Wavelength) 635 - 606 nm
    ∆λ (Spectral Line Half-Width) 12 - 28 nm
    LI (Luminous Intensity) 120 - 700 mcd
    Θ (Viewing Angle) 145 deg

    ## _Materials_

    · Actuator: Polybutylene Terephthalate (PBT) or Stainless Steel
    · Base: Polybutylene Terephthalate (PBT)
    · Housing: Aluminum or Stainless Steel
    · Contacts: Silver Alloy
    · Terminals: Nickel Plated Brass
    · Hardware - Nut: Nickel Plated Brass

    # _EH_

    Illuminated Pushbutton

    ## _Ordering Information_

    · Series: EH 12 N M SS B BO
    · Switch Body Diameter: 12 = 12mm
    · Switch Function: N = Momentary
    · Actuator Style: M = Round, L = Round with LED
    · Switch Finish: SS = Brushed Stainless Steel, B = Black Anodized Aluminum
    · Cap Color Options: Blank = Stainless Steel, 2 = Black, 3 = Red, 4 = Yellow, 5 = Green, 7 = Blue
    · Terminal Options: Z = Screw Terminals (not available with illuminated option), B = Solder Lugs
    · LED Color: X = No LED, R = Red, Y = Yellow, G = Green, B = Blue, W = White, O = Orange, RO = Red / Orange, RY = Red / Yellow, RG = Red / Green, RB = Red / Blue, OY = Orange / Yellow, OG = Orange / Green, OB = Orange / Blue, YG = Yellow / Green, YB = Yellow / Blue, GB = Green / Blue

    ## _Specifications_

    Specifi cations Value
    Electrical Ratings 2A @ 48VDC
    Electrical Life 200,000 cycles typical
    Contact Resistance ≤ 50mΩ initial
    Mechanical Resistance 500,000 cycles typical
    Sealing Degree IP65

    ## _Dimensions_

    · M12 x 1.0
    · Ø 17.50
    · 4.25 MAX
    · R11.00
    · Ø 2.95 Illuminated Dot

    ## _Schematics Panel Cut-Out_

    · Ø 12.00
    · (2X) 3.00
    · (2X) 3.00
    · 6.50 MAX
    · 4.00
    · (2X) Ø 1.50 THRU
    · (2X) 3.50
    · (2X) 2.00
    · Z B B with LED
    · (2X) 6.00
    · (2X) 5.00
    · 1.90 TYP
    · .45 TYP

    ## _LED Characteristics_

    Characteristic Value
    VR (Reverse Voltage) 5 V
    IF (Forward Current avg) 25 mA
    IFS (Forward Current peak) 120 mA
    IR (Reverse Current) 10 μA
    PT (Power Dissipation) 80 mW
    TA (Operating Temp) -40 to +85 °C
    VF (Forward Voltage) 2.1 - 3.6 V
    λP (Wavelength) 635 - 606 nm
    ∆λ (Spectral Line Half-Width) 12 - 28 nm
    LI (Luminous Intensity) 120 - 700 mcd
    Θ (Viewing Angle) 145 deg

    ## _Materials_

    · Actuator: Polybutylene Terephthalate (PBT) or Stainless Steel
    · Base: Polybutylene Terephthalate (PBT)
    · Housing: Aluminum or Stainless Steel
    · Contacts: Silver Alloy
    · Terminals: Nickel Plated Brass
    · Hardware - Nut: Nickel Plated Brass

    Part No.EH12NMSSBBO
    ManufacturerCIT
    Size172 Kbytes
    Pages3 pages
    DescriptionIlluminated Pushbutton