![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about RB0814 Datasheet
Example questions:
1. What is the inductance range of the Radial Bobbin Inductors RB0814 mentioned in the document?
2. What is the operating temperature range of the RB0814 inductors?
3. How many inductors are packaged per tray for the RB0814 inductors?
# RB0814 Radial Bobbin Inductors
## Features
* Small Footprint
* Extensive Inductance Range
* UL Polyolefin Tubing
## Electrical Specifications
* Inductance Range: 3.3µH to 1000µH
* Tolerance: K=±10%, M=±20%
* Operating Temperature: -40ºC to +105ºC
* IDC: Current at which inductance change is within 5% of initial value
* SRF: Self-Resonant Frequency
## Physical Specifications
* Packaging: 500 per tray
* Marking: EIA Inductance Code
## Test Equipment & Values (Representative)
* L, Q: HP4284A
* IDC: 11021 current source & DCR meter
* DCR: HP4263B current source & DCR meter
## Representative Part Numbers and Values (Examples)
| Part Number | L (µH) | Q | Ref.
Test Freq.
(MHz) | DCR (Ω) | Max.
SRF (MHZ) | Min.
IDC (A) |
|---|---|---|---|---|---|---|
| RB0814-3R3M-RC | 3.3 | | 7.96 | 0.027 | 70.0 | 3.60 |
| RB0814-100K-RC | 10 | | 2.52 | 0.048 | 20.0 | 2.70 |
| RB0814-101K-RC | 100 | | 7.96 | 0.280 | 3.5 | 1.00 |
| RB0814-1000K-RC | 1000 | | 0.252 | 2.100 | 1.3 | 0.30 |
Part No. | RB0814 |
Manufacturer | ALLIED |
Size | 703 Kbytes |
Pages | 1 page |
Description | Radial Bobbin Inductors |