Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • MMP 134-R

  • AI
    The **MMP 134-R** typically refers to a high-performance **Magnetic Proximity Sensor** or a specific **Brushless DC Motor (BLDC)** part number depending on the manufacturer (commonly associated with Micro-Mo or magnetic reed technologies). Below is an analysis of its electronic components and functional characteristics based on its classification as a precision magnetic reed sensor/actuator. --- ## 1. Core Electronic Components The device is composed of several critical layers and materials designed for high-frequency switching and durability. | Component | Material/Type | Function | | :--- | :--- | :--- | | **Reed Switch** | Rhodium or Ruthenium plated | The primary switching element that reacts to magnetic fields. | | **Housing** | Reinforced Polymer or Stainless Steel | Protects the internal glass envelope from mechanical shock. | | **Leads/Terminals** | Tin-plated Copper Alloy | Provides electrical connectivity with low resistance. | | **Internal Gas** | Nitrogen/Inert Gas | Prevents oxidation of the contacts during high-voltage arcing. | --- ## 2. Technical Specifications The "R" suffix often denotes a **Round** or **Threaded** form factor, which influences its electrical mounting and induction capabilities. ### Electrical Ratings * **Switching Voltage:** Typically rated up to 100V - 250V DC/AC. * **Switching Current:** Generally supports 0.5A to 1.0A. * **Contact Resistance:** Usually < 150 mΩ. * **Operating Temperature:** -40°C to +125°C. ### Physical Characteristics * **Sensitivity:** Measured in AT (Ampere-Turns), determining the pull-in/drop-out distance. * **Durability:** Non-contact operation allows for millions of cycles without mechanical wear. --- ## 3. Operating Principle The electronic operation of the MMP 134-R follows the **Electromagnetic Induction** principle: 1. **Magnetic Flux Detection:** When a permanent magnet or electromagnet approaches the sensor, the magnetic flux flows through the reed blades. 2. **Contact Closure:** The magnetic force overcomes the structural stiffness of the blades, pulling them together to complete the circuit. 3. **Signal Output:** This creates a digital high/low signal used by PLCs or microcontrollers to detect position, speed, or limit states. --- ## 4. Typical Applications * **Industrial Automation:** Piston position sensing in pneumatic cylinders. * **Security Systems:** Door and window contact sensors. * **Automotive:** Fluid level sensing (brake fluid or coolant) via a floating magnet. * **Robotics:** End-stop detection for moving arms.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency of the MMP 134-R?
    • ⤷ How does the 'R' suffix specifically change the mounting requirements compared to the standard model?
    • ⤷ Can this sensor be used in intrinsically safe (Ex) environments?