Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • 5MFP 8-R

  • AI
    The **5MFP 8-R** is a specific model of a **Miniature Cartridge Fuse**. It is widely used in electronic circuits to provide overcurrent protection, ensuring that delicate components are not damaged during a power surge or short circuit. --- ## 1. Technical Specifications The "5MFP 8-R" part number follows a specific nomenclature that defines its electrical and physical properties. | Specification | Value/Description | |:---|:---| | **Current Rating** | 8 Amperes (8A) | | **Voltage Rating (AC)** | 125V / 250V (Standard for electronic equipment) | | **Fuse Type** | Fast-Acting / Quick-Acting | | **Material** | Glass Body with Brass Caps (Nickel Plated) | | **Form Factor** | 5mm x 20mm (Standard Miniature Size) | | **Mounting Type** | Through-hole (Pigtail Leads) or Fuse Holder | | **RoHS Compliant** | Yes (Indicated by the "-R" suffix) | --- ## 2. Key Features The 5MFP series stands out due to several design choices: * **Fast-Acting Characteristic:** This fuse is designed to "blow" or open the circuit almost immediately once the current exceeds 8A. This is critical for protecting semiconductor devices (like ICs or transistors) that cannot withstand even brief overloads. * **Pigtail Leads:** The "P" in 5MFP often denotes "Pigtail." Unlike standard fuses that sit in a clip, this model comes with axial wire leads soldered to the end caps, allowing it to be soldered directly onto a Printed Circuit Board (PCB). * **Glass Body:** The transparent glass allows for easy visual inspection to see if the internal filament has melted. --- ## 3. Part Number Breakdown Understanding the code helps in identifying similar components: | Segment | Meaning | |:---|:---| | **5MF** | Series designation (5x20mm Fast-Acting) | | **P** | Pigtail (Axial leads for PCB mounting) | | **8** | Current Rating in Amperes | | **-R** | RoHS Compliant (Lead-free) | --- ## 4. Typical Applications Because of its 8A rating and fast response time, you will commonly find this part in: * **Power Supplies:** Protecting the input stage of AC/DC converters. * **Consumer Electronics:** Televisions, audio amplifiers, and chargers. * **Industrial Equipment:** Control boards and small motor protection.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a fast-acting fuse and a slow-blow fuse in PCB design?
    • ⤷ Can a 5MFP 8-R be replaced with a standard 5x20mm fuse without pigtails?
    • ⤷ How do I test if a 5MFP 8-R fuse is blown using a multimeter?