Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • 3AP 3.5-R

  • AI
    The **3AP 3.5-R** is a high-voltage outdoor circuit breaker (typically manufactured by Siemens) using SF6 (sulfur hexafluoride) gas for insulation and arc quenching. Its electronic and control components are essential for the operation, monitoring, and protection of the power grid. --- ### Core Electronic & Electrical Components The electronic parts are primarily housed in the **Control Cubicle**, which serves as the interface between the high-voltage mechanism and the substation control system. | Component Group | Specific Part | Function | |:--- |:--- |:--- | | **Control Unit** | Auxiliary Switches | Relays the position (Open/Closed) of the breaker to the control room. | | **Actuation** | Closing/Tripping Coils | Electromagnetic solenoids that trigger the mechanical release to open or close the contacts. | | **Monitoring** | Density Monitor | An electronic pressure switch that monitors SF6 gas levels and triggers alarms if a leak occurs. | | **Power Drive** | Charging Motor | An electric motor that winds the stored-energy spring for the next operation. | | **Protection** | Anti-Pumping Relay | Prevents the breaker from repeatedly opening and closing (hunting) if both commands are present. | --- ### Technical Specifications of Control Parts The electronics are designed to withstand harsh outdoor environments and electromagnetic interference (EMI). 1. **Supply Voltage:** Usually configurable for DC (110V/220V) or AC, depending on the substation battery bank. 2. **Auxiliary Contacts:** Silver-plated contacts designed for high reliability and low resistance. 3. **Heating Elements:** Thermostatically controlled resistors located in the housing to prevent condensation and ensure the lubricants remain at the correct viscosity. ### Control Logic and Wiring The system uses a standard industrial wiring scheme involving: * **Terminal Blocks:** High-density connection points for external control cables. * **Local/Remote Switch:** Allows technicians to operate the breaker manually at the unit or remotely via SCADA (Supervisory Control and Data Acquisition). * **Operation Counter:** An electromechanical or digital display that tracks the number of switching cycles for maintenance scheduling. --- ### Key Features of the 3AP series * **Self-Blast Technology:** Reduces the energy required from the operating mechanism, meaning the electronic coils and motors can be smaller and more efficient. * **Synchronous Operation:** Can be equipped with electronic controllers for "Point-on-Wave" switching to minimize electrical transients.
    ✨ Follow-up Questions
    • ⤷ What are the maintenance requirements for the 3AP 3.5-R charging motor?
    • ⤷ How does the density monitor trigger an alarm in the control circuit?
    • ⤷ What is the role of the anti-pumping relay in high-voltage circuit breakers?