Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

  • 3ABP 5-R

  • AI
    The **3ABP 5-R** refers to a specific type of **Miniature Glass Tube Fuse**. These components are critical passive safety devices designed to protect electronic circuits from overcurrent conditions. ### 1. Technical Specifications The alphanumeric code "3ABP 5-R" provides specific data regarding the fuse's physical and electrical properties. | Characteristic | Specification | Description | | :--- | :--- | :--- | | **Series** | 3ABP | Fast-Acting, Axial Lead Glass Body | | **Current Rating** | 5A | Rated to carry 5 Amperes continuously | | **Voltage Rating** | 250V AC | Maximum operating voltage | | **Response Speed** | Fast-Acting (F) | Opens quickly when current exceeds 5A | | **Mounting Type** | Axial Lead | Features wire leads for Through-Hole (PCB) soldering | | **Body Material** | Glass | Allows for visual inspection of the fuse element | | **Suffix (-R)** | RoHS Compliant | Lead-free and environmentally friendly | --- ### 2. Key Internal Components The 3ABP 5-R is comprised of four primary sections: 1. **Fuse Element:** A thin metallic wire or strip designed to melt at a specific temperature. In a "Fast-Acting" fuse like this, the element reacts almost instantly to a short circuit. 2. **Glass Tube:** Provides an insulated housing. Unlike ceramic fuses, the glass allows you to see if the element is broken (blown). 3. **End Caps:** Nickel-plated brass caps that secure the element and provide electrical contact. 4. **Axial Leads:** Tin-plated copper wires welded to the end caps, allowing the fuse to be soldered directly onto a Printed Circuit Board (PCB) without a fuse holder. --- ### 3. Functional Operation * **Normal State:** The fuse acts as a low-resistance conductor, allowing current to flow to the load. * **Fault State:** If the current exceeds **5 Amperes** (due to a component failure or short circuit), the electrical resistance generates heat. Because this is a **Fast-Acting** fuse, the internal element melts rapidly (typically within milliseconds), breaking the circuit and preventing fire or further damage to expensive components. --- ### 4. Typical Applications Because of its axial lead design and 250V rating, the 3ABP 5-R is commonly found in: * Power supplies and adapters. * Consumer electronics (LED TVs, Monitors). * Industrial control boards. * Chargers for small appliances.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Fast-Acting fuse and a Time-Delay fuse?
    • ⤷ Can I replace a 3ABP 5-R with a 5A fuse that does not have axial leads?
    • ⤷ How can I test if a 3ABP 5-R fuse is blown using a multimeter?