|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PBSS3515F - 15 V low VCEsat PNP transistor - NXP Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BTB1424AD3 | Low VCE sat PNP Epitaxial Planar Transistor | 1 2 3 4 | Cystech Electonics Corp. |
| PBSS5140V | 40 V low VCEsat PNP transistor | 1 2 3 4 5 More | NXP Semiconductors |
| NSS40400CF8T1G | 40 V 7 A Low VCE sat PNP Transistor | 1 2 3 4 | ON Semiconductor |
| PBSS5120T | 20 V 1 A PNP low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS9110Y | 100 V 1 A PNP low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS5320T | 20 V 3 A PNP low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| TSB1590 | Low Vce sat PNP Transistor | 1 2 3 | Taiwan Semiconductor Company, Ltd |
| BTA1952J3 | Low Vcesat PNP Epitaxial Planar Transistor | 1 2 3 4 | Cystech Electonics Corp. |
| BTB1424AM3 | Low VCE sat PNP Epitaxial Planar Transistor | 1 2 3 4 5 | Cystech Electonics Corp. |
| PBSS5240V | 40 V low VCEsat PNP transistor | 1 2 3 4 5 More | NXP Semiconductors |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|