|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ITC1000 - 1000 WATT, 50V, Pulsed Avionics 1030 MHz - List of Unclassifed Manufacturers |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ITC1100 | 1000 WATT 50V Pulsed Avionics 1030 MHz | 1 2 | List of Unclassifed Manufacturers |
| 1011LD200 | 200 Watts 32 Volts Pulsed Avionics 1030 to 1090 MHz LDMOS FET | 1 2 3 4 | Advanced Power Technology |
| 1011LD300 | 300 Watts 32 Volts Pulsed Avionics 1030 to 1090 MHz LDMOS FET | 1 2 3 4 | Advanced Power Technology |
| 10502 | 500 Watts 50 Volts Pulsed Avionics 1030 / 1090 MHz | 1 2 3 | Advanced Power Technology |
| MDS1100 | 1100 Watts 50 Volts Pulsed Avionics at 1030 MHz | 1 2 3 4 | Advanced Power Technology |
| TCS450 | 450 Watts 45 Volts Pulsed Avionics 1030 MHz | 1 2 | GHz Technology |
| TPR500 | 500 Watts 50 Volts Pulsed Avionics 1030 - 1090 MHz | 1 2 3 | GHz Technology |
| TPR1000 | 1000 Watts 45 Volts Pulsed Avionics 1090 MHz | 1 2 | List of Unclassifed Manufacturers |
| TPR500A | 500 Watts 50 Volts Pulsed Avionics 1030 - 1090 MHz | 1 2 3 | GHz Technology |
| PH1090-75L | AVIONICS PULSED POWER TRANSISTOR 75 WATTS 1030 - 1090 MHz 250us PULSE 10% DUTY | 1 | Tyco Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|