|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Featured Products and Offers |
|
|
Datasheet |
FAR - Piezoelectric Resonator - Fujitsu Component Limited. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FAR-C4SB-14746-L12-T | Piezoelectric Resonator | 1 2 3 4 5 More | Fujitsu Component Limited. |
| FAR-C3C | Piezoelectric Resonator 4 to 20 MHz | 1 2 3 4 5 More | Fujitsu Component Limited. |
| FAR-C4C | Piezoelectric Resonator 4 to 16 MHz | 1 2 3 4 5 More | Fujitsu Component Limited. |
| FAR-C4CL | Piezoelectric Resonator 24 to 40 MHz | 1 2 3 4 5 More | Fujitsu Component Limited. |
| FAR-C4CN | Piezoelectric Resonator 4 to 23.9 MHz | 1 2 3 4 5 More | Fujitsu Component Limited. |
| CSTCC8 | CERAMIC RESONATOR | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| RO2164A | 868.35 MHz SAW Resonator | 1 2 | RF Micro Devices |
| RO2073A-5 | 315.05 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2102A-1 | 423.22 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2122A | 293.125 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|