Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4282 Datasheet (PDF) - Cypress Semiconductor

CY7C4282 Datasheet PDF - Cypress Semiconductor
Part # CY7C4282
Download  CY7C4282 Download

File Size   207.98 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 64K/128K x 9 Deep Sync FIFOs with Retransmit and Depth Expansion

CY7C4282 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C4282 Datasheet PDF - Cypress Semiconductor

Part # CY7C4282
Download  CY7C4282 Click to download

File Size   207.98 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 64K/128K x 9 Deep Sync FIFOs with Retransmit and Depth Expansion

CY7C4282 Datasheet (HTML) - Cypress Semiconductor

Back Button CY7C4282 Datasheet HTML 1Page - Cypress Semiconductor CY7C4282 Datasheet HTML 2Page - Cypress Semiconductor CY7C4282 Datasheet HTML 3Page - Cypress Semiconductor CY7C4282 Datasheet HTML 4Page - Cypress Semiconductor CY7C4282 Datasheet HTML 5Page - Cypress Semiconductor CY7C4282 Datasheet HTML 6Page - Cypress Semiconductor CY7C4282 Datasheet HTML 7Page - Cypress Semiconductor CY7C4282 Datasheet HTML 8Page - Cypress Semiconductor CY7C4282 Datasheet HTML 9Page - Cypress Semiconductor CY7C4282 Datasheet HTML 10Page - Cypress Semiconductor Next Button 

CY7C4282 Product details

Functional Description
The CY7C4282/CY7C4292 are high-speed, low-power, FIFO memories with clocked read and write interfaces. All devices are nine bits wide. The CY7C4282/CY7C4292 can be cascaded to increase FIFO depth. Programmable features include Almost Full/Almost Empty flags. These FIFOs provide solutions for a wide variety of data buffering needs, including high-speed data acquisition, multiprocessor interfaces, video and communications buffering.

Features
• High-speed, low-power, first-in first-out (FIFO) memories
• 64K × 9 (CY7C4282)
• 128K × 9 (CY7C4292)
• 0.5-micron CMOS for optimum speed/power
• High-speed, near-zero latency (true dual-ported memory cell), 100-MHz operation (10-ns read/write cycle times)
• Low power
   — ICC=40 mA
   — ISB = 2 mA
• Fully asynchronous and simultaneous read and write operation
• Empty, Full, and Programmable Almost Empty and Almost Full status flags
• TTL-compatible
• Retransmit function
• Output Enable (OE) pin
• Independent read and write enable pins
• Supports free-running 50% duty cycle clock inputs
• Width-Expansion Capability
• Depth-Expansion Capability through token-passing scheme (no external logic required)
• 64-pin 10 × 10 STQFP




Similar Part No. - CY7C4282

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4282V CYPRESS-CY7C4282V Datasheet
240Kb / 15P
   64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion
CY7C4282V CYPRESS-CY7C4282V Datasheet
219Kb / 15P
   64K/128K x 9 Low-Voltage Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4282V-10ASC CYPRESS-CY7C4282V-10ASC Datasheet
240Kb / 15P
   64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion
CY7C4282V-10ASC CYPRESS-CY7C4282V-10ASC Datasheet
219Kb / 15P
   64K/128K x 9 Low-Voltage Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4282V-15ASC CYPRESS-CY7C4282V-15ASC Datasheet
240Kb / 15P
   64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion
More results


Similar Description - CY7C4282

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4282V CYPRESS-CY7C4282V_03 Datasheet
219Kb / 15P
   64K/128K x 9 Low-Voltage Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4282V CYPRESS-CY7C4282V Datasheet
240Kb / 15P
   64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion
CY7C4291 CYPRESS-CY7C4291 Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4281 CYPRESS-CY7C4281_05 Datasheet
430Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
CY7C4261 CYPRESS-CY7C4261 Datasheet
278Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261_05 Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_09 Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255 Datasheet
361Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com