|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BGY67A - 200 MHz, 24 dB gain reverse amplifier - NXP Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BGS67A | 65 MHz 25.5 dB gain reverse amplifier | 1 2 3 4 5 More | NXP Semiconductors |
| AM-AMC-132 | High Performance Amplifier 10 dB Gain 5 - 200 MHz | 1 2 3 | Tyco Electronics |
| AM-AMC-134 | High Performance Amplifier 15 dB Gain 5 - 200 MHz | 1 2 3 | Tyco Electronics |
| AM-AMC-136 | High Performance Amplifier 20 dB Gain 10 - 200 MHz | 1 2 3 | Tyco Electronics |
| AM-AMC-138 | High Performance Amplifier 25 dB Gain 10 - 200 MHz | 1 2 3 | Tyco Electronics |
| AM-AMC-140 | High Performance Amplifier 29 dB Gain 10 - 200 MHz | 1 2 3 | Tyco Electronics |
| AM-AMC-142 | Low Noise Amplifier 12 dB Gain 200 - 1000 MHz | 1 2 3 | Tyco Electronics |
| MHW7222A | 22 dB GAIN 750 MHz 110 CHANNEL CATV AMPLIFIER | 1 2 | Motorola, Inc |
| AM-160 | Low Noise Amplifier 28 dB Gain 100 - 600 MHz | 1 2 3 | Tyco Electronics |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|