Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      AK5366VQ(1)    AK5366VR(2)

Featured Products and Offers


Datasheet

    AK5366VQ - 24 BIT 48KHZ ADC WITH SELECTOR/PGA /ALC - Asahi Kasei Microsystems

Page

 
Part No. AK5366VQ
Description  24 BIT 48KHZ ADC WITH SELECTOR/PGA /ALC
Download  AK5366VQ Click to view
File Size   338.97 Kbytes / 43 Pages
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STW509418 BIT 8kHz TO 48kHz LOW POWER STEREO AUDIO DAC WITH INTEGRATED POWER AMPLIFIERS AND VOICE CODEC 1 2 3 4 5 MoreSTMicroelectronics
CS552516 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH 1 2 3 4 5 MoreCirrus Logic
NRF9E5433/868/915MHz RF Transceiver with Embedded 8051 Compatible Microcontroller and 4 Input 10 Bit ADC 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADCV08318 Bit Serial I/O Low Voltage Low Power ADC with Auto Shutdown in a SOT Package 1 2 3 4 5 MoreNational Semiconductor
WM877524 BIT 96 KHZ ADC WITH 4 CHANNEL I/P MULTIPLEXER 1 2 3 4 5 MoreWolfson Microelectronics plc
CS552916 BIT PROGRAMMABLE ADC WITH 6 BIT LATCH 1 2 3 4 5 MoreCirrus Logic
AK5354LOW POWER 20 BIT ADC WITH PGA 1 2 3 4 5 MoreAsahi Kasei Microsystems
TLV5734TRIPLE 8 BIT 30 MSPS ADC WITH HIGH -PRECISION CLAMP FOR YUV/RGB VIDEO 1 2 3 4 5 MoreTexas Instruments
ST72321J8-BIT MCU WITH NESTED INTERRUPTS FLASH 10-BIT ADC 5 TIMERS SPI SCI I2C INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
ST72E3118-BIT MCU WITH 8 TO 16K OTP/EPROM 384 TO 512 BYTES RAM ADC WDG SCI SPI AND 2 TIMERS 1 2 3 4 5 MoreSTMicroelectronics

Datasheet Page

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Link URL

Related keyword

  AK5366VQ Datasheet   AK5366VQ Cross Reference   AK5366VQ Schematic   AK5366VQ Distributor   AK5366VQ Datenblatt   AK5366VQ RoHS
  AK5366VQ Equivalent   AK5366VQ Application Notes   AK5366VQ Data Sheet   AK5366VQ component   AK5366VQ Fiche Technique   AK5366VQ Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl