Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5662 Datasheet (PDF) - Analog Devices

AD5662 Datasheet PDF - Analog Devices
Part # AD5662
Download  AD5662 Download

File Size   357.18 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23

AD5662 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5662 Datasheet PDF - Analog Devices

Part # AD5662
Download  AD5662 Click to download

File Size   357.18 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23

AD5662 Datasheet (HTML) - Analog Devices

Back Button AD5662 Datasheet HTML 1Page - Analog Devices AD5662 Datasheet HTML 2Page - Analog Devices AD5662 Datasheet HTML 3Page - Analog Devices AD5662 Datasheet HTML 4Page - Analog Devices AD5662 Datasheet HTML 5Page - Analog Devices AD5662 Datasheet HTML 6Page - Analog Devices AD5662 Datasheet HTML 7Page - Analog Devices AD5662 Datasheet HTML 8Page - Analog Devices AD5662 Datasheet HTML 9Page - Analog Devices AD5662 Datasheet HTML 10Page - Analog Devices Next Button 

AD5662 Product details

GENERAL DESCRIPTION
The AD5662, a member of the nanoDAC family, is a low power, single, 16-bit buffered voltage-out DAC that operates from a single 2.7 V to 5.5 V supply and is guaranteed monotonic by design.

FEATURES
   Low power (250 μA @ 5 V) single 16-bit nanoDAC
   12-bit accuracy guaranteed
   Tiny 8-lead SOT-23/MSOP package
   Power-down to 480 nA @ 5 V, 100 nA @ 3 V
   Power-on reset to zero scale/midscale
   2.7 V to 5.5 V power supply
   Guaranteed 16-bit monotonic by design
   3 power-down functions
   Serial interface with Schmitt-triggered inputs
   Rail-to-rail operation
   SYNC interrupt facility
   Temperature range −40°C to +125°C
   Qualified for automotive applications

APPLICATIONS
   Process control
   Data acquisition systems
   Portable battery-powered instruments
   Digital gain and offset adjustment
   Programmable voltage and current sources
   Programmable attenuators



Similar Part No. - AD5662

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5662 AD-AD5662 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5662ARJ-1500RL7 AD-AD5662ARJ-1500RL7 Datasheet
584Kb / 24P
   16-Bit nanoDAC in a SOT-23
REV. A
AD5662ARJ-1REEL7 AD-AD5662ARJ-1REEL7 Datasheet
584Kb / 24P
   16-Bit nanoDAC in a SOT-23
REV. A
AD5662ARJ-2500RL7 AD-AD5662ARJ-2500RL7 Datasheet
584Kb / 24P
   16-Bit nanoDAC in a SOT-23
REV. A
AD5662ARJ-2REEL7 AD-AD5662ARJ-2REEL7 Datasheet
584Kb / 24P
   16-Bit nanoDAC in a SOT-23
REV. A
More results


Similar Description - AD5662

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
AD5310 AD-AD5310 Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5310 AD-AD5310_15 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5663 AD-AD5663 Datasheet
730Kb / 24P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output, Dual 16-Bit nanoDAC
REV. 0
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com