|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
NTD3055-094 - Power MOSFET 12 A, 60 V - ON Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| STRM6511 | OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT | 1 2 3 4 5 More | Allegro MicroSystems |
| MMDF3207 | DUAL TMOS POWER MOSFET 7.8 AMPERES 20 VOLTS | 1 2 3 4 | Motorola, Inc |
| MMSF3205 | SINGLE TMOS POWER MOSFET 11 AMPERES 20 VOLTS | 1 2 3 4 5 More | Motorola, Inc |
| MRF154 | N-CHANNEL BROADBAND RF POWER MOSFET | 1 2 3 4 5 More | Motorola, Inc |
| IRLML6402TR | HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
| FK20KM-5 | Nch POWER MOSFET HIGH-SPEED SWITCHING USE | 1 2 3 4 5 | Powerex Power Semiconductors |
| FK7VS-12 | Nch POWER MOSFET HIGH-SPEED SWITCHING USE | 1 2 3 4 5 | Powerex Power Semiconductors |
| IPS032G | SINGLE/DUAL FULLY PROTECTED POWER MOSFET SWITCH | 1 2 3 4 5 More | International Rectifier |
| FS10ASJ-2 | Nch POWER MOSFET HIGH-SPEED SWITCHING USE | 1 2 3 4 | Powerex Power Semiconductors |
| FS10SM-12 | Nch POWER MOSFET HIGH-SPEED SWITCHING USE | 1 2 3 4 | Powerex Power Semiconductors |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|