|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LM2575 - 1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR - Texas Instruments |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TS2576 | 3A Step Down Switching Voltage Regulator | 1 2 3 4 5 More | Taiwan Semiconductor Company, Ltd |
| TS2596 | 3A Step Down Switching Voltage Regulator | 1 2 3 4 5 More | Taiwan Semiconductor Company, Ltd |
| LM34910 | High Voltage 40V 1.25A Step Down Switching Regulator | 1 2 3 4 5 More | National Semiconductor |
| LM5010 | High Voltage 1A Step Down Switching Regulator | 1 2 3 4 5 More | National Semiconductor |
| LM5007 | High Voltage 80V Step Down Switching Regulator | 1 2 3 4 5 More | National Semiconductor |
| LM5008 | High Voltage 100V Step Down Switching Regulator | 1 2 3 4 5 More | National Semiconductor |
| LM2695 | High Voltage 30V 1.25A Step Down Switching Regulator | 1 2 3 4 5 More | National Semiconductor |
| L5970D | UP TO 1A STEP DOWN SWITCHING REGULATOR | 1 2 3 4 5 More | STMicroelectronics |
| TL2575 | 1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS | 1 2 3 4 5 More | Texas Instruments |
| L5971 | 1.5A STEP DOWN SWITCHING REGULATOR | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|