Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE21256 Datasheet (PDF) - NTE Electronics

NTE21256 Datasheet PDF - NTE Electronics
Part # NTE21256
Download  NTE21256 Download

File Size   42.61 Kbytes
Page   6 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description 262,144-Bit Dynamic Random Access Memory (DRAM)

NTE21256 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE21256 Datasheet PDF - NTE Electronics

Part # NTE21256
Download  NTE21256 Click to download

File Size   42.61 Kbytes
Page   6 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description 262,144-Bit Dynamic Random Access Memory (DRAM)

NTE21256 Datasheet (HTML) - NTE Electronics

NTE21256 Datasheet HTML 1Page - NTE Electronics NTE21256 Datasheet HTML 2Page - NTE Electronics NTE21256 Datasheet HTML 3Page - NTE Electronics NTE21256 Datasheet HTML 4Page - NTE Electronics NTE21256 Datasheet HTML 5Page - NTE Electronics NTE21256 Datasheet HTML 6Page - NTE Electronics

NTE21256 Product details

Description:

The NTE21256 is a 262,144 word by 1–bit dynamic Random Access Memory. This 5V–only component is fabricated with N–channel silicon gate technology.

Nine multiplexed address inputs permit the NTE21256 to be packaged in an industry standard 16–Lead DIP package. Features of this device include single power supply with ±10% tolerance, on–chip address, date registers which eliminate the need for interface registers, and fully TTL compatible inputs and outputs, including clocks.

In addition to the usual read, write, and read–modify–write cycles, the NTE21256 is capable of early and late write cycles, RAS–only refresh, and hidden refresh. Common I/O capability is given by using early write operation.

The NTE21256 also features page mode which allows high–speed random access of bits in the same row.



Features:

• 262,144 x 1–Bit Organization

• Single +5V Supply, ±10% Tolerance

• Low Power Dissipation:

   –385mW active (Max)

   –28mW standby (Max)

• Access Time: 150ns

• Cycle Time: 260ns

• All Inputs and Outputs TTL Compatible

• On–Chip Substrate Bias Generator

• Three–State Data Output

• Read, Write, Read–Modify–Write, RAS–Only–Refresh, Hidden Refresh

• Common I/O Capability using “Early Write” Operation

• Page Mode Read and Write, Read–Write

• 256 Refresh Cycles with 4ms Refresh Period



 




Similar Part No. - NTE21256

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2128 NTE-NTE2128 Datasheet
165Kb / 1P
   MICROPROCESSOR & MEMORY CIRCUITS
More results


Similar Description - NTE21256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ4256 TI-SMJ4256 Datasheet
947Kb / 19P
[Old version datasheet]   262,144-BIT DYNAMIC RANDOM-ACCESS MEMORY
logo
Fujitsu Component Limit...
MB81464-12 FUJITSU-MB81464-12 Datasheet
1Mb / 22P
   MOS 262,144 BIT DYNAMIC RANDOM ACCESS MEMORY
logo
Texas Instruments
TMS4256 TI-TMS4256 Datasheet
1Mb / 23P
[Old version datasheet]   262,144-BIT DYNAMIC RANDOM-ACCESS MEMORIES
logo
Hitachi Semiconductor
HM514260C HITACHI-HM514260C Datasheet
260Kb / 27P
   262,144-word x 16-bit Dynamic Random Access Memory
logo
ACCUTEK MICROCIRCUIT CO...
AK58256AG ACCUTEK-AK58256AG Datasheet
90Kb / 2P
   262,144 x 8 bit CMOS Dynamic Random Access Memory
AK48256S ACCUTEK-AK48256S Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
logo
Hitachi Semiconductor
HM514170C HITACHI-HM514170C Datasheet
195Kb / 26P
   262,144-word x 16-bit Dynamic Random Access Memory
logo
ACCUTEK MICROCIRCUIT CO...
AK532256AW ACCUTEK-AK532256AW Datasheet
67Kb / 2P
   262,144 Word by 32 Bit CMOS Dynamic Random Access Memory
AK532256W ACCUTEK-AK532256W Datasheet
69Kb / 2P
   262,144 Word by 32 Bit CMOS Dynamic Random Access Memory
AK59256AS ACCUTEK-AK59256AS Datasheet
96Kb / 2P
   262,144 Word by 9 bit, CMOS Dynamic Random Access Memory
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com