![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
OM185-5ST - 7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS - ETC |
|
Click Here View OM185-5ST Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| LT1083 | 3A 5A 7.5A Low Dropout Positive Fixed Regulators | Linear Technology |
| OM183SC | 7.5A 5A 3A 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS | ETC |
| OMR183 | 30 kRad - 100kRad RADIATION TOLERANT 7.5A 5A 3A 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS | International Rectifier |
| LT1086 | 1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V 3.3V 3.6V 5V 12V | Linear Technology |
| TS39150 | 1.5A Ultra Low Dropout Fixed Positive Voltage Regulator | Taiwan Semiconductor Company, Ltd |
| LD1086 | 1.5A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS | STMicroelectronics |
| IL33269 | LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS | Integral Corp. |
| RT9164 | 1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS | ETC |
| MSK5200 | DUAL POSITIVE/NEGATIVE 3 AMP ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS | ETC |
| MSK5200-HTU | DUAL POSITIVE/NEGATIVE 3 AMP ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS | M.S. Kennedy Corporation |
Link URL |
|
|
Related keyword |
| OM185-5ST Datasheet | OM185-5ST Cross Reference | OM185-5ST Schematic | OM185-5ST Distributor | OM185-5ST Datenblatt | OM185-5ST RoHS |
| OM185-5ST Equivalent | OM185-5ST Application Notes | OM185-5ST Data Sheet | OM185-5ST component | OM185-5ST Fiche Technique | OM185-5ST Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |