|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRFG5110 - 100V, Combination 2N-2P-CHANNEL - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IRHG6110 | 100V Combination 2N-2P-CHANNEL RAD-Hard HEXFET MOSFET TECHNOLOGY | 1 2 3 4 5 More | International Rectifier |
| IRHQ567110 | RADIATION HARDENED 100V COMBINATION 2N-2P-CHANNEL POWER MOSFET SURFACE MOUNT LCC-28 | 1 2 3 4 5 More | International Rectifier |
| IRHG567110 | RADIATION HARDENED POWER MOSFET THRU-HOLE 100V Combination 2N-2P-CHANNEL | 1 2 3 4 5 More | International Rectifier |
| STL35NF10 | N-CHANNEL 100V - 0.025ohm - 35A PowerFLAT⢠LOW GATE CHARGE STripFET⢠MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STP60NE10 | N - CHANNEL 100V - 0.016W - 60A TO-220/TO-220FP STripFET] POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| ZXMN10A08E6 | 100V N-CHANNEL ENHANCEMENT MODE MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| 2SB631 | 100V/120V 1A Low-Frequency Power Amp Applications | 1 2 3 | Sanyo Semicon Device |
| FDS3612 | 100V N-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FQA70N10 | 100V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|