|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BC327 - Amplifier Transistors - ON Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MHW9188AN | Gallium Arsenide CATV Amplifier Module | 1 2 3 4 | Freescale Semiconductor, Inc |
| ADN2880 | 3.2 Gbps 3.3 V Low Noise Transimpedance Amplifier | 1 2 3 4 5 More | Analog Devices |
| AD8203 | High Common-Mode Voltage Single-Supply Difference Amplifier | 1 2 3 4 5 More | Analog Devices |
| CS3004 | Precision Dual Low-voltage Amplifier | 1 2 3 4 5 More | Cirrus Logic |
| MB3730A | 14W BTL AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | Fujitsu Component Limited. |
| OPA3691 | Triple Wideband Current-Feedback OPERATIONAL AMPLIFIER With Disable | 1 2 3 4 5 More | Burr-Brown Corporation |
| IRM046U | 2.4 / 5GHz ISM Power Amplifier MMIC for W-LAN | 1 | Sharp Electrionic Components |
| DTA114EM3T5G | Digital Transistors BRT PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network | 1 2 3 4 5 More | ON Semiconductor |
| VN0300 | N-Channel Enhancement-Mode MOS Transistors | 1 2 3 4 5 | List of Unclassifed Manufacturers |
| 2N3641 | NPN SILICON SIGNAL TRANSISTORS | 1 | Central Semiconductor Corp |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|