|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TRF3701 - 0.6 GHz to 1.0 GHz QUADRATURE MODULATOR - Texas Instruments |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MB54609 | Quadrature Modulator IC With 1.0 GHz Up-converter | 1 2 3 4 5 More | Fujitsu Component Limited. |
| UPC8110GR-E1 | 1 GHz QUADRATURE MODULATOR | 1 2 3 4 | NEC |
| MB54608L | 1.0 GHz band Low Power I/Q Modulator For Direct Conversion | 1 2 3 4 5 More | Fujitsu Component Limited. |
| W3011 | 1 GHz Quadrature Modulator | 1 2 3 4 5 More | Agere Systems |
| TRF3701 | 0.4 GHz to 1.5 GHz QUADRATURE MODULATOR | 1 2 3 4 5 More | Texas Instruments |
| UPC8110GR | 1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION | 1 2 3 4 5 More | NEC |
| UPC1654 | 1.0 GHz SILICON MMIC AMPLIFIER | 1 2 3 | NEC |
| HMC136 | GaAs MMIC BI-PHASE MODULATOR 4 - 8 GHz | 1 2 3 4 | Hittite Microwave Corporation |
| CMM3030-BD | 30 kHz to GHz GaAs MMIC Optical Modulator Driver Amplifer | 1 2 3 4 5 | Mimix Broadband |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|