Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW4029 Datasheet (PDF) - Integral Corp.

IW4029 Datasheet PDF - Integral Corp.
Part # IW4029
Download  IW4029 Download

File Size   371.33 Kbytes
Page   8 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS

IW4029 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW4029 Datasheet PDF - Integral Corp.

Part # IW4029
Download  IW4029 Click to download

File Size   371.33 Kbytes
Page   8 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS

IW4029 Datasheet (HTML) - Integral Corp.

IW4029 Datasheet HTML 1Page - Integral Corp. IW4029 Datasheet HTML 2Page - Integral Corp. IW4029 Datasheet HTML 3Page - Integral Corp. IW4029 Datasheet HTML 4Page - Integral Corp. IW4029 Datasheet HTML 5Page - Integral Corp. IW4029 Datasheet HTML 6Page - Integral Corp. IW4029 Datasheet HTML 7Page - Integral Corp. IW4029 Datasheet HTML 8Page - Integral Corp.

IW4029 Product details

Presettable Up/Down Counter
High-Voltage Silicon-Gate CMOS

The IW4029B consists of a four-stage binary or BCD-decade up/down counter with provisions for look-ahead carry in both counting modes. The inputs consists of a single CLOCK, CARRY IN,(CLOCK ENABLE), BINARY/DECADE, UP/DOWN, PRESET ENABLE, and four individual JAM signals. Q1, Q2, Q3, Q4 and a CARRY OUT signal are provided as outputs.
A high PRESET ENABLE signal allows information on the JAM INPUTS to preset the counter to any state asynchronously with the clock. A low on each JAM line, when the PRESET-ENABLE signal is high, resets the counter to its zero count. The counter is advanced one count at the positive transition of the clock when the CARRY IN and PRESET ENABLE signals are low. Advancement is inhibited when the CARRY IN or PRESET ENABLE signals are high. The CARRY OUT signal is normally high and goes low when the counter reaches its maximum count in the UP mode or the minimum count in the DOWN mode provided the CARRY IN signal is low. The CARRY IN signal in the low state can thus be considered a CLOCK ENABLE. The CARRY IN terminal must be connected to GND when not in use.
Binary counting is accomplished when the BINARY/DECADE input is high; the counter counts in the decade mode when the BINARY/DECADE input is low. The counter counts up when the UP/DOWN input is high, and down when the UP/DOWN input is low.
Parallel clocking provides synchronous control and hence faster response from all counting outputs. Ripple-clocking allows for longer clock input rise and fall times.

• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1 µA at 18 V over full package
   temperature range; 100 nA at 18 V and 25°C
• Noise margin (over full package temperature range):
   1.0 V min @ 5.0 V supply
   2.0 V min @ 10.0 V supply
   2.5 V min @ 15.0 V supply




Similar Part No. - IW4029

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4029B IKSEMICON-IW4029B Datasheet
352Kb / 9P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
IW4029BD IKSEMICON-IW4029BD Datasheet
352Kb / 9P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
IW4029BN IKSEMICON-IW4029BN Datasheet
352Kb / 9P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
More results


Similar Description - IW4029

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4516B IKSEMICON-IW4516B Datasheet
313Kb / 7P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
logo
List of Unclassifed Man...
IW4516 ETC-IW4516 Datasheet
284Kb / 6P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4029B IKSEMICON-IW4029B Datasheet
352Kb / 9P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4029B KODENSHI-KK4029B Datasheet
506Kb / 9P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
KK4516B KODENSHI-KK4516B Datasheet
435Kb / 7P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
KK74ACT192 KODENSHI-KK74ACT192 Datasheet
508Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Speed Silicon-Gate CMOS
KK74HC192A KODENSHI-KK74HC192A Datasheet
360Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Performance Silicon-Gate CMOS
KK74AC192 KODENSHI-KK74AC192 Datasheet
521Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC192A IKSEMICON-IN74HC192A Datasheet
244Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Performance Silicon-Gate CMOS
logo
Renesas Technology Corp
CD4029BMS RENESAS-CD4029BMS Datasheet
436Kb / 11P
   CMOS Presettable Up/Down Counter
December 1992
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com