|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
QS5U28 - Small switching (-20V, -2.0A) - Rohm |
|
Click QS5U28 to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| QS5U27 | Small switching -20V -1.5A | Rohm |
| RTR025P02 | Switching -20V -2.5A | Rohm |
| CDSH3 | Small Signal Switching Diodes | Comchip Technology |
| CDST-99-G | Small Signal Switching Diode | Comchip Technology |
| QS6U24 | Small switching -30V -1A | Rohm |
| QS6U24 | Small switching -30V -1A | Rohm |
| IS216D | Small Outline Photo DMOS-FET Relay with very high load current capabilities 5A | ISOCOM COMPONENTS |
| MIC5302 | 150mA ULDO in Ultra Small 1.2mm x 1.6mm Thin MLF | Micrel Semiconductor |
| LCP-155A4HSR | RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet ATM SONET OC-3/SDH STM-1 | Delta Electronics, Inc. |
| BC817-16 | NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR | Diodes Incorporated |
Link URL |
|
|
Related keyword |
| QS5U28 Datasheet | QS5U28 Cross Reference | QS5U28 Schematic | QS5U28 Distributor | QS5U28 Datenblatt | QS5U28 RoHS |
| QS5U28 Equivalent | QS5U28 Application Notes | QS5U28 Data Sheet | QS5U28 component | QS5U28 Fiche Technique | QS5U28 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |