|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AD6652PCB - 12-Bit, 65 MSPS IF to Baseband Diversity Receiver - Analog Devices |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AD6654 | 14-Bit 92.16 MSPS 4-/6-Channel Wideband IF to Baseband Receiver | 1 2 3 4 5 More | Analog Devices |
| AD6650 | Diversity IF to Baseband GSM/EDGE Narrowband Receiver | 1 2 3 4 5 More | Analog Devices |
| ADC12L063 | 12-Bit 62 MSPS 354 mW A/D Converter with Internal Sample-and-Hold | 1 2 3 4 5 More | National Semiconductor |
| AD9845A | Complete 12-Bit 30 MSPS CCD Signal Processor | 1 2 3 4 5 More | Analog Devices |
| HI5808 | 12-Bit 10 MSPS A/D Converter | 1 2 3 4 5 More | Intersil Corporation |
| TDA9965 | 12-bit 5.0 V 30 Msps analog-to-digital interface for CCD cameras | 1 2 3 4 5 More | NXP Semiconductors |
| CLC5956 | 12-bit 65 MSPS Broadband Monolithic A/D Converter | 1 2 3 4 5 More | National Semiconductor |
| AD9224 | Complete 12-Bit 40 MSPS Monolithic A/D Converter | 1 2 3 4 5 More | Analog Devices |
| AD7475 | 1 MSPS 12-Bit ADCs | 1 2 3 4 5 More | Analog Devices |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 |
Link URL |
|
|