Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1670P-SD-F Datasheet (PDF) - Vishay Siliconix

T1670P-SD-F Datasheet PDF - Vishay Siliconix
Part # T1670P-SD-F
Download  T1670P-SD-F Download

File Size   77.23 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon PIN Photodiode

T1670P-SD-F Datasheet (PDF)

Go To PDF Page Download Datasheet
T1670P-SD-F Datasheet PDF - Vishay Siliconix

Part # T1670P-SD-F
Download  T1670P-SD-F Click to download

File Size   77.23 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon PIN Photodiode

T1670P-SD-F Datasheet (HTML) - Vishay Siliconix

T1670P-SD-F Datasheet HTML 1Page - Vishay Siliconix T1670P-SD-F Datasheet HTML 2Page - Vishay Siliconix T1670P-SD-F Datasheet HTML 3Page - Vishay Siliconix T1670P-SD-F Datasheet HTML 4Page - Vishay Siliconix

T1670P-SD-F Product details

• Package type: chip
• Package form: single chip
• Dimensions (L x W x H in mm): 0.72 x 0.72 x 0.28
• Wafer diameter (in mm): 100
• Radiant sensitive area (in mm2): 0.27
• Peak wavelength 560 nm
• High photo sensitivity
• High radiant sensitivity
• Suitable for visible light
• Fast response times
• Angle of half sensitivity: ϕ = ± 60°




Similar Part No. - T1670P-SD-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T1670P-SD-F VISHAY-T1670P-SD-F Datasheet
80Kb / 4P
   Silicon PIN Photodiode
Rev. 1.4, 23-Mar-11
More results


Similar Description - T1670P-SD-F

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
   Silicon PIN Photodiode
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
   PIN SILICON PHOTODIODE
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
   Silicon PIN Photodiode
Rev. 3, 16-Nov-99
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
   Silicon PIN Photodiode
Rev. 1.0, 09-Jan-14
VBPW34FAS VISHAY-VBPW34FAS_11 Datasheet
164Kb / 8P
   Silicon PIN Photodiode
Rev. 1.2, 24-Aug-11
TEFD4300 VISHAY-TEFD4300_14 Datasheet
93Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 04-Aug-14
BPV23NF VISHAY-BPV23NF_11 Datasheet
126Kb / 5P
   Silicon PIN Photodiode
Rev. 1.8, 24-Aug-11
T1110P6 VISHAY-T1110P6_14 Datasheet
79Kb / 4P
   Silicon PIN Photodiode
Rev. 1.5, 21-May-14
T1180P6 VISHAY-T1180P6 Datasheet
87Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 07-Dec-15
T1187P6 VISHAY-T1187P6 Datasheet
101Kb / 5P
   Silicon PIN Photodiode
Rev. 1.1, 14-Apr-15
VEMD6060X01 VISHAY-VEMD6060X01 Datasheet
168Kb / 8P
   Silicon PIN Photodiode
Rev. 1.0, 14-Jan-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com