Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1814 Datasheet (PDF) - NTE Electronics

NTE1814 Datasheet PDF - NTE Electronics
Part # NTE1814
Download  NTE1814 Download

File Size   24.85 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit CMOS, Color Processing Circuit for VCR

NTE1814 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1814 Datasheet PDF - NTE Electronics

Part # NTE1814
Download  NTE1814 Click to download

File Size   24.85 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit CMOS, Color Processing Circuit for VCR

NTE1814 Datasheet (HTML) - NTE Electronics

NTE1814 Datasheet HTML 1Page - NTE Electronics NTE1814 Datasheet HTML 2Page - NTE Electronics NTE1814 Datasheet HTML 3Page - NTE Electronics

NTE1814 Product details

Description:

The NTE1814 is a CMOS LSI integrated circuit in an 18–Lead DIP type package designed for use in VCR color signal processing circuits for VHS system video tape recorders. This device is used in configuration with the NTE1813 for color signal processing in 2, 4, and 6Hr modes in NTSC VCR systems.



Features:

• In Recording, a Video Color Signal can be Converted into a Low–Frequency Video Color Signal by AFC and REC APC.

• In Playback, the Low–Frequency Color Signal can be Converted into the Original Video Color

   Signal on the Color Subcarrier Wave Frequency by PB APC and the Side Lock Detect Circuit.

• The NTE1814 Contains the Following Functions:

   Rotary Circuit

   DPLL (Digital Phase Locked Loop) Circuit

   Side Lock Detect Circuit

   Field Start Inhibit Pulse Generating Circuit

   Burst Adjust Pulse Generating Circuit

   Burst Gate Pulse Generating Circuit

   Monostable Multivibrator Circuit

   Phase Comparator

• Can be Miniaturized and Simplified with High Reliability

• Low Power Dissipation: 15mW @ 5V



 




Similar Part No. - NTE1814

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE181 NTE-NTE181 Datasheet
23Kb / 2P
   Silicon Power Transistor High Power Audio Amplifier
NTE1810 NTE-NTE1810 Datasheet
26Kb / 3P
   Integrated Circuit Color TV Video System
NTE1812 NTE-NTE1812 Datasheet
23Kb / 2P
   Integrated Circuit Capstan Interface Circuit for VCR
NTE1813 NTE-NTE1813 Datasheet
25Kb / 2P
   Integrated Circuit Color Signal Processor for VCR
NTE1815 NTE-NTE1815 Datasheet
24Kb / 2P
   Integrated Circuit Module, AF PO, 20W, Dual Power Supply
More results


Similar Description - NTE1814

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE15030 NTE-NTE15030 Datasheet
22Kb / 3P
   Integrated Circuit CMOS, Color Processing Circuit for VCR
NTE1266 NTE-NTE1266 Datasheet
20Kb / 2P
   Integrated Circuit Color AGC Circuit for VCR
NTE1702 NTE-NTE1702 Datasheet
22Kb / 2P
   Integrated Circuit Color ACC Circuit for VCR
NTE1408 NTE-NTE1408 Datasheet
24Kb / 2P
   Integrated Circuit CMOS, Color Signal Processor for VCR
NTE738 NTE-NTE738 Datasheet
23Kb / 2P
   Integrated Circuit Color TV Processing Circuit
NTE1813 NTE-NTE1813 Datasheet
25Kb / 2P
   Integrated Circuit Color Signal Processor for VCR
NTE1581 NTE-NTE1581 Datasheet
82Kb / 2P
   Integrated Circuit CMOS, Frequency Divider/Counter for VCR
NTE1710 NTE-NTE1710 Datasheet
24Kb / 3P
   Integrated Circuit Record/Playback Circuit for VCR
NTE1689 NTE-NTE1689 Datasheet
21Kb / 2P
   Integrated Circuit Head Amp Circuit for VCR
NTE1264 NTE-NTE1264 Datasheet
21Kb / 2P
   Integrated Circuit Video AGC Circuit for VCR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com